Electronic Components Datasheet Search
  English  ▼

X  

MCP9600 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP9600
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP9600 Datasheet HTML 37Page - Microchip Technology MCP9600 Datasheet HTML 38Page - Microchip Technology MCP9600 Datasheet HTML 39Page - Microchip Technology MCP9600 Datasheet HTML 40Page - Microchip Technology MCP9600 Datasheet HTML 41Page - Microchip Technology MCP9600 Datasheet HTML 42Page - Microchip Technology MCP9600 Datasheet HTML 43Page - Microchip Technology MCP9600 Datasheet HTML 44Page - Microchip Technology MCP9600 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 41
MCP960X/L0X/RL0X
5.3.4
DEVICE ID AND REVISION ID
REGISTER
The Device ID (Identification) and Revision ID register
is a 16-bit read-only register, which can be used to
identify this device among other devices on the I2C
bus. The upper 8 bits indicate the Device ID of 0x40 for
the
MCP9600/L00/RL00
and
0x41
for
the
MCP9601/L01/RL01 respectively, while the lower 8 bits
indicate the device revision. The device revision byte is
divided into nibbles, where the upper nibble indicates
the major revision and the lower nibble indicates minor
revisions. The initial release is indicated by a major
revision of ‘1’ and a minor revision of ‘0’ or 0x4010 for
the
MCP9600/L00/RL00
and
0x4110
for
the
MCP9601/L01/RL01. (Refer to “MCP9600 Silicon
Errata and Data Sheet Clarification”, DS80000741, for
changes and revision IDs).
REGISTER 5-12:
MCP9600/L00/RL00 DEVICE ID AND REVISION ID REGISTER
R-0
R-1
R-0
R-0
R-0
R-0
R-0
R-0
Device ID
bit 15
bit 8
R-0
R-0
R-0
R-1
R-0
R-0
R-0
R-0
Revision-Major
Revision-Minor
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Device ID: Device ID bits (0x40)
bit 7-0
Revision: Major/Minor Revision ID bits (0x10) for the initial Release, or Revision 1.0 (Refer to the
Silicon Errata, DS80000741, for change date codes and revision IDs).
REGISTER 5-13:
MCP9601/L01/RL01 DEVICE ID AND REVISION ID REGISTER
R-0
R-1
R-0
R-0
R-0
R-0
R-0
R-1
Device ID
bit 15
bit 8
R-0
R-0
R-0
R-1
R-0
R-0
R-0
R-0
Revision-Major
Revision-Minor
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Device ID: Device ID bits (0x41)
bit 7-0
Revision: Major/Minor Revision ID bits (0x10) for the initial Release, or Revision 1.0 (Refer to the
Silicon Errata, DS80000741, for change date codes and revision IDs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com