Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors S32K310 Datasheet HTML 27Page - NXP Semiconductors S32K310 Datasheet HTML 28Page - NXP Semiconductors S32K310 Datasheet HTML 29Page - NXP Semiconductors S32K310 Datasheet HTML 30Page - NXP Semiconductors S32K310 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 141 page
background image
Table 6. Power mode transition operating behavior (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time,
normal standby exit
—
80
—
us
—
—
6.5.2 Boot time, HSE firmware not installed
Table 7. Boot time, HSE firmware not installed
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tBOOT_noHSE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is not installed. (HSE
FW feature flag is
disabled)
—
2
—
ms
FIRC 48MHz
—
6.5.3 Boot time, HSE firmware installed
The following table provides the boot time of the S32K3 SBAF and Firmware initialization. To obtain the total boot time, the
corresponding user code verification time must be added.
Table 8. Boot time, HSE firmware installed
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tBOOT_HSE_
NONSECURE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is installed BOOT
SEQ = 0 Default
configuration:
CORE_CLK @ 48
MHz (source = FIRC
—
—
3
ms
—
—
tBOOT_HSE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is installed. Default
configuration:
—
12.36
—
ms
—
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 6, 11/2022
Data Sheet: Technical Data
Preliminary Information
27 / 141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com