Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16543 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16543
Description  2.5V/3.3V ALVT 16-bit registered transceiver 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16543 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16543
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Feb 13
7
DC ELECTRICAL CHARACTERISTICS (2.5V
"0.2V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.3V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 2.3 to 3.6V; IOH = –100µA
VCC–0.2
VCC
V
VOH
High-level out ut voltage
VCC = 2.3V; IOH = –8mA
1.8
2.1
V
VCC = 2.3V; IOL = 100µA
0.07
0.2
VOL
Low-level output voltage
VCC = 2.3V; IOL = 24mA
0.3
0.5
V
VCC = 2.3V; IOL = 8mA
0.4
VRST
Power-up output low voltage7
VCC = 2.7V; IO = 1mA; VI = VCC or GND
0.55
V
VCC = 2.7V; VI = VCC or GND
Control pins
0.1
±1
VCC = 0 or 2.7V; VI = 5.5V
0.1
10
II
Input leakage current
VCC = 2.7V; VI = 5.5V
4
0.1
20
µA
VCC = 2.7V; VI = VCC
Data pins4
0.1
10
VCC = 2.7V; VI = 0
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
"100
µA
IHOLD
Bus Hold current
VCC = 2.3V; VI = 0.7V
120
µA
HOLD
Data inputs6
VCC = 2.3V; VI = 1.7V
–6
µA
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 2.3V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
40
100
µA
ICCH
VCC = 2.7V; Outputs High, VI = GND or VCC, IO = 0
0.04
0.1
ICCL
Quiescent supply current
VCC = 2.7V; Outputs Low, VI = GND or VCC, IO = 0
2.6
4.5
mA
ICCZ
VCC = 2.7V; Outputs Disabled; VI = GND or VCC, IO = 05
0.04
0.1
∆ICC
Additional supply current per
input pin2
VCC = 2.3V to 2.7V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.01
0.4
mA
NOTES:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 2.5V ± 0.2V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. Not guaranteed.
7. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com