Electronic Components Datasheet Search
  English  ▼

X  

K857PE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K857PE
Description  4-Quadrant Silicon PIN Photodiode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K857PE Datasheet(HTML) 4 Page - Vishay Siliconix

  K857PE Datasheet HTML 1Page - Vishay Siliconix K857PE Datasheet HTML 2Page - Vishay Siliconix K857PE Datasheet HTML 3Page - Vishay Siliconix K857PE Datasheet HTML 4Page - Vishay Siliconix K857PE Datasheet HTML 5Page - Vishay Siliconix K857PE Datasheet HTML 6Page - Vishay Siliconix K857PE Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
K857PE
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 05-Oct-2021
4
Document Number: 80136
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
K8XX
VYXXX
XX
No routing in this area
Technical drawings
according to DIN
specifications
Active area photodiodes:
Single PD:
1.6 mm2
All PDs:
6.4 mm2
Total opening:
7.1 mm2
Drawing No.: 6.550-5356.01-4
Issue: 2; 19.02.2021
Not indicated tolerances ± 0.1 mm
X
4.72
0
1.34
1.34
3.52
0.75
0.75
Recommended footprint
Exposed pad
(cathode)
3.05
X (20:1)
(0.1)
0.2
0.2
0.53
0.2
Pinning top view
Anode 1
PIN 4
Cathode
PIN 5
Anode 3
PIN 6
Anode 2
PIN 3
Cathode
PIN 2
Anode 4
PIN 1
Marking
pin 1
0
0.72
2.36
0.72
2.36
K8XX VYXXXX
K8XX VYXXXX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com