Electronic Components Datasheet Search
  English  ▼

X  

AP2132A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2132A
Description  PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2132A Datasheet HTML 3Page - Diodes Incorporated AP2132A Datasheet HTML 4Page - Diodes Incorporated AP2132A Datasheet HTML 5Page - Diodes Incorporated AP2132A Datasheet HTML 6Page - Diodes Incorporated AP2132A Datasheet HTML 7Page - Diodes Incorporated AP2132A Datasheet HTML 8Page - Diodes Incorporated AP2132A Datasheet HTML 9Page - Diodes Incorporated AP2132A Datasheet HTML 10Page - Diodes Incorporated AP2132A Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP2132A
Document number: DS41214 Rev. 1 - 2
9 of 11
www.diodes.com
July 2018
© Diodes Incorporated
AP2132A
Ordering Information
AP2132A X - X X X
Packing
Package
TR : Tape & Reel
Product Name
MP : PSOP-8
Output Voltage
1.2 : Fixed Output 1.2V
G1 : RoHS Compliant
and Green
RoHS/Green
1.5 : Fixed Output 1.5V
1.8 : Fixed Output 1.8V
2.5 : Fixed Output 2.5V
Blank : Tube
Package
Temperature Range
Version Description
Part Number
Marking ID
Packing
PSOP-8
-40°C to +85°C
Each fixed output
version integrates
ADJ version
AP2132AMP-1.2G1
2132A-1.2G1
Tube
AP2132AMP-1.2TRG1
2132A-1.2G1
Tape & Reel
AP2132AMP-1.5G1
2132A-1.5G1
Tube
AP2132AMP-1.5TRG1
2132A-1.5G1
Tape & Reel
AP2132AMP-1.8G1
2132A-1.8G1
Tube
AP2132AMP-1.8TRG1
2132A-1.8G1
Tape & Reel
AP2132AMP-2.5G1
2132A-2.5G1
Tube
AP2132AMP-2.5TRG1
2132A-2.5G1
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com