Electronic Components Datasheet Search
  English  ▼

X  

AP2138 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2138
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2138 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2138 Datasheet HTML 11Page - Diodes Incorporated AP2138 Datasheet HTML 12Page - Diodes Incorporated AP2138 Datasheet HTML 13Page - Diodes Incorporated AP2138 Datasheet HTML 14Page - Diodes Incorporated AP2138 Datasheet HTML 15Page - Diodes Incorporated AP2138 Datasheet HTML 16Page - Diodes Incorporated AP2138 Datasheet HTML 17Page - Diodes Incorporated AP2138 Datasheet HTML 18Page - Diodes Incorporated AP2138 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
15 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Electrical Characteristics (continued)
AP2138/2139-3.6 (@VIN = 4.6V, TJ = +25°C, IOUT = 40mA, CIN = COUT = 1µF, Bold typeface applies -40°C ≤ TJ ≤ +85°C, unless
otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
—
—
—
6.0
V
VOUT
Output Voltage
—
3.528
3.600
3.672
V
IQ
Quiescent Current
IOUT = 0
—
1.0
1.5
µA
IOUT
Output Current
—
250
—
—
mA
VRLOAD
Load Regulation
1mA ≤ IOUT ≤ 100mA
—
25
40
mV
VRLINE
Line Regulation
4.6
V ≤ VIN ≤ 6V
—
6
18
mV
VDROP
Dropout Voltage
IOUT = 10mA
—
20
100
mV
IOUT = 30mA
—
50
200
IOUT = 100mA
—
160
300
IOUT = 250mA
—
400
600
∆VOUT/∆T
Output Voltage Temperature Coefficient
—
—
±330
—
µV/°C
(
∆VOUT/VOUT)/∆T
—
—
±100
—
ppm/°C
ISHORT
Short Circuit Current
VOUT = 0
—
50
—
mA
θJC
Thermal Resistance
SOT-23-3
—
81.9
—
°C/W
SOT-89
—
51.1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com