Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 151 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 151 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 147Page - Texas Instruments MCT8317A Datasheet HTML 148Page - Texas Instruments MCT8317A Datasheet HTML 149Page - Texas Instruments MCT8317A Datasheet HTML 150Page - Texas Instruments MCT8317A Datasheet HTML 151Page - Texas Instruments MCT8317A Datasheet HTML 152Page - Texas Instruments MCT8317A Datasheet HTML 153Page - Texas Instruments MCT8317A Datasheet HTML 154Page - Texas Instruments MCT8317A Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 161 page
background image
11 Layout
11.1 Layout Guidelines
The bulk capacitor should be placed to minimize the distance of the high-current path through the motor driver
device. The connecting metal trace widths should be as wide as possible, and numerous vias should be used
when connecting PCB layers. These practices minimize parasitic inductance and allow the bulk capacitor to
deliver high current.
Small-value capacitors should be ceramic, and placed closely to device pins.
The high-current device outputs should use wide metal traces.
To reduce noise coupling and EMI interference from large transient currents into small-current signal paths,
grounding should be partitioned between PGND and AGND. TI recommends connecting all non-power stage
circuitry (including the thermal pad) to AGND to reduce parasitic effects and improve power dissipation from the
device. Optionally, GND_BK can be split. Ensure grounds are connected through net-ties or wide resistors to
reduce voltage offsets and maintain gate driver performance.
The device thermal pad should be soldered to the PCB top-layer ground plane. Multiple vias should be used to
connect to a large bottom-layer ground plane. The use of large metal planes and multiple vias helps dissipate
the I2 × RDS(on) heat that is generated in the device.
To improve thermal performance, maximize the ground area that is connected to the thermal pad ground across
all possible layers of the PCB. Using thick copper pours can lower the junction-to-air thermal resistance and
improve thermal dissipation from the die surface.
Separate the SW_BK and FB_BK traces with ground separation to reduce buck switching from coupling as noise
into the buck outer feedback loop. Widen the FB_BK trace as much as possible to allow for faster load switching.
Figure 11-1 shows a layout example for the MCT8317A. Also, for layout example, refer to MCT8317A EVM.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com