Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 147 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 147 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 143Page - Texas Instruments MCT8317A Datasheet HTML 144Page - Texas Instruments MCT8317A Datasheet HTML 145Page - Texas Instruments MCT8317A Datasheet HTML 146Page - Texas Instruments MCT8317A Datasheet HTML 147Page - Texas Instruments MCT8317A Datasheet HTML 148Page - Texas Instruments MCT8317A Datasheet HTML 149Page - Texas Instruments MCT8317A Datasheet HTML 150Page - Texas Instruments MCT8317A Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 161 page
background image
In Figure 9-6, one floating phase voltage interval is denoted by the vertical markers on channel 3. The Vpeak
(peak-peak back-EMF) on channel 3 is 208-mV and Tc (commutation interval) is 2.22-ms as denoted by the
horizontal and vertical markers on channel 3. The digital equivalent counts for Vpeak and Tc are calculated as
follows.
In MCT8317A, a 3-V analog input corresponds to 4095 counts(12-bit) and phase voltage is scaled down by
10x factor before ADC input; therfore, Vpeak of 208-mV corresponds to an ADC input of 20.8mV, which in turn
equals 29 ADC counts. Assuming the PWM switching frequency is 25-kHz, one back-EMF sample is available
every 40-μs. So, in a time interval of 2.22-ms, a total of 55 back-EMF samples are integrated. Therefore, the
BEMF_THRESHOLD1 or BEMF_THRESHOLD2 value calculated is (½) * (29/2) * (55/2) = 199. Hence, in this
example, BEMF_THRESHOLD1 and BEMF_THRESHOLD2 are set to 8h (corresponding to 200 which is the
closest value to 199) for commutation instant detection using back-EMF integration method during fast start-up.
The exact speed at which the Vpeak and Tc values are measured to calculate the BEMF_THRESHOLD1 and
BEMF_THRESHOLD2 values is not critical (as long as there is sufficient resolution in digital counts) since the
product (Vpeak * Tc) is, largely, a constant for a given BLDC motor.
9.2.1.5 Maximum speed
Figure 9-7 shows phase current, phase voltage and FG of a motor that spins at maximum electrical speed of 3
kHz.
Phase current
FG
Phase voltage
Figure 9-7. Phase current, Phase voltage and FG at Maximum speed
9.2.1.6 Faster deceleration
MCT8317A has features to decelerate the motor quickly. Figure 9-8 shows phase current and motor electrical
speed waveform when the motor decelerates from 100% duty cycle to 10% duty cycle. Time taken for the motor
to decelerate from 100% duty cycle to 10% duty cycle when fast deceleration is disabled is around 10 seconds.
Figure 9-9 shows phase current and motor electrical speed waveform when the motor decelerates from 100%
duty cycle to 10% duty cycle. Time taken for the motor to decelerate from 100% duty cycle to 10% duty cycle
when fast deceleration is enabled is around 1.5 seconds.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
147
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com