Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 144 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 144 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 140Page - Texas Instruments MCT8317A Datasheet HTML 141Page - Texas Instruments MCT8317A Datasheet HTML 142Page - Texas Instruments MCT8317A Datasheet HTML 143Page - Texas Instruments MCT8317A Datasheet HTML 144Page - Texas Instruments MCT8317A Datasheet HTML 145Page - Texas Instruments MCT8317A Datasheet HTML 146Page - Texas Instruments MCT8317A Datasheet HTML 147Page - Texas Instruments MCT8317A Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 161 page
background image
Table 9-3. Recommended Default Values (continued)
GD_CONFIG2
0x000000AE
0x00000000
Once the device EEPROM is programmed with the desired configuration, device can be operated stand-alone
and I2C serial interface is not required anymore. Speed can be commanded using SPEED pin.
Below are the two essential parameters that are required to spin the motor in closed loop.
1. Maximum motor speed.
2. Cycle by cycle (CBC) current limit.
9.2.1 Application curves
9.2.1.1 Motor startup
Figure 9-2 shows the phase current waveforms of various startup methods in MCT8317A such as align, double
align, IPD and slow first cycle.
Figure 9-2. Motor phase current waveforms of all startup methods
9.2.1.2 120o and variable commutation
In 120° commutation scheme, each motor phase is driven for 120° and Hi-Z for 60° within each half electrical
cycle, resulting in six different commutation states for a motor. Figure 9-3 shows the phase current and current
waveform FFT in 120° commutation mode. In variable commutation scheme, MCT8317A device switches
dynamically between 120° and 150° trapezoidal commutation depending on motor speed. The device operates
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
144
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com