Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 140 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 140 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 136Page - Texas Instruments MCT8317A Datasheet HTML 137Page - Texas Instruments MCT8317A Datasheet HTML 138Page - Texas Instruments MCT8317A Datasheet HTML 139Page - Texas Instruments MCT8317A Datasheet HTML 140Page - Texas Instruments MCT8317A Datasheet HTML 141Page - Texas Instruments MCT8317A Datasheet HTML 142Page - Texas Instruments MCT8317A Datasheet HTML 143Page - Texas Instruments MCT8317A Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 161 page
background image
8.8.5.4 MOTOR_SPEED_PU Register (Offset = 5CEh) [Reset = 00000000h]
MOTOR_SPEED_PU is shown in Figure 8-83 and described in Table 8-61.
Return to the Table 8-56.
Motor speed in PU
Figure 8-83. MOTOR_SPEED_PU Register
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
MOTOR_SPEED_PU
R-0h
Table 8-61. MOTOR_SPEED_PU Register Field Descriptions
Bit
Field
Type
Reset
Description
31-0
MOTOR_SPEED_PU
R
0h
32-bit value indicating the speed of the motor. Motor speed (in Hz) =
(Motor Speed in PU / 230) * (MAX_SPEED / 16)
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
140
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com