Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 142 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 142 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 138Page - Texas Instruments MCT8317A Datasheet HTML 139Page - Texas Instruments MCT8317A Datasheet HTML 140Page - Texas Instruments MCT8317A Datasheet HTML 141Page - Texas Instruments MCT8317A Datasheet HTML 142Page - Texas Instruments MCT8317A Datasheet HTML 143Page - Texas Instruments MCT8317A Datasheet HTML 144Page - Texas Instruments MCT8317A Datasheet HTML 145Page - Texas Instruments MCT8317A Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 161 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The MCT8317A device is used in sensorless 3-phase BLDC motor control. The driver provides a high
performance, high-reliability, flexible solution for robotic vacuum, fuel pumps, automotive fans and blowers,
medical CPAP blowers etc., The following section shows a common application of the MCT8317A device.
9.2 Typical Applications
Figure 9-1 shows the typical schematic of MCT8317A.
AVDD
AGND
VVM
VM
CP
+
CPH
CPL
OUTA
OUTB
OUTC
47 nF
1 µF
0.1 µF
>10 µF
SDA
SCL
I
2C
nFAULT
PGND
MCT8317A
DVDD
AGND
CAVDD
FG
RFG
BRAKE
DIR
RSDA
AVDD or EXT SUPPLY
EXT_CLK
EXT_WD
DACOUT1
DACOUT2
SOX
Optional
Control
Interface
Optional
Serial
Interface
1 µF
1 µF
CDVDD
AVDD or EXT SUPPLY
RnFAULT
RSCL
SPEED/WAKE (PWM/Analog/Freq)
ALARM
VIN_AVDD
Figure 9-1. Example Application Schematic
Table 9-1 lists the recommended values of the external components for MCT8317A.
Table 9-1. MCT8317A External Components
COMPONENTS
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
PGND
X5R or X7R, 0.1-µF, TI recommends a capacitor
voltage rating at least twice the normal operating
voltage of the device
CVM2
VM
PGND
≥ 10-µF, TI recommends a capacitor voltage rating at
least twice the normal operating voltage of the device
CCP
CP
VM
X5R or X7R, 16-V, 1-µF capacitor
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
142
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com