Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 157 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 157 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 153Page - Texas Instruments MCT8317A Datasheet HTML 154Page - Texas Instruments MCT8317A Datasheet HTML 155Page - Texas Instruments MCT8317A Datasheet HTML 156Page - Texas Instruments MCT8317A Datasheet HTML 157Page - Texas Instruments MCT8317A Datasheet HTML 158Page - Texas Instruments MCT8317A Datasheet HTML 159Page - Texas Instruments MCT8317A Datasheet HTML 160Page - Texas Instruments MCT8317A Datasheet HTML 161Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 157 / 161 page
background image
www.ti.com
PACKAGE OUTLINE
C
36X
0.25
0.15
2.8
2.6
36X
0.5
0.3
0.8 MAX
(0.1) TYP
0.05
0.00
32X 0.4
2X
3.6
3.8
3.6
2X 2.8
4X (0.41)
A
4.1
3.9
B
5.1
4.9
WQFN - 0.8 mm max height
REE0036A
PLASTIC QUAD FLATPACK - NO LEAD
4226725/A 04/2021
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
10
19
28
11
18
36
29
PIN 1 ID
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SYMM
SYMM
SCALE 3.300
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
157
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com