Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 158 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 158 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 153Page - Texas Instruments MCT8317A Datasheet HTML 154Page - Texas Instruments MCT8317A Datasheet HTML 155Page - Texas Instruments MCT8317A Datasheet HTML 156Page - Texas Instruments MCT8317A Datasheet HTML 157Page - Texas Instruments MCT8317A Datasheet HTML 158Page - Texas Instruments MCT8317A Datasheet HTML 159Page - Texas Instruments MCT8317A Datasheet HTML 160Page - Texas Instruments MCT8317A Datasheet HTML 161Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 158 / 161 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
36X (0.6)
32X (0.2)
2X (3.6)
2X (2.8)
(3.8)
(R0.05) TYP
2X (0.625)
2X (1.1)
2X (0.975)
(
0.2) TYP
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
(4.8)
(3.7)
(2.7)
32X (0.4)
WQFN - 0.8 mm max height
REE0036A
PLASTIC QUAD FLATPACK - NO LEAD
4226725/A 04/2021
SYMM
1
10
11
18
19
28
29
36
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:18X
37
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
EXPOSED
METAL
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
158
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com