Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 109 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 109 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 105Page - Texas Instruments MCT8317A Datasheet HTML 106Page - Texas Instruments MCT8317A Datasheet HTML 107Page - Texas Instruments MCT8317A Datasheet HTML 108Page - Texas Instruments MCT8317A Datasheet HTML 109Page - Texas Instruments MCT8317A Datasheet HTML 110Page - Texas Instruments MCT8317A Datasheet HTML 111Page - Texas Instruments MCT8317A Datasheet HTML 112Page - Texas Instruments MCT8317A Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 161 page
background image
8.7.1.17 REF_PROFILES6 Register (Offset = A4h) [Reset = X]
REF_PROFILES6 is shown in Figure 8-65 and described in Table 8-27.
Return to the Table 8-9.
Register to configure speed profile6
Figure 8-65. REF_PROFILES6 Register
31
30
29
28
27
26
25
24
PARITY
REF_OFF2
R/W-0h
R/W-X
23
22
21
20
19
18
17
16
REF_OFF2
REF_CLAMP2
R/W-X
R/W-X
15
14
13
12
11
10
9
8
REF_CLAMP2
RESERVED
R/W-X
R/W-X
7
6
5
4
3
2
1
0
RESERVED
R/W-X
Table 8-27. REF_PROFILES6 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-23
REF_OFF2
R/W
X
Turn off REF Configuration Turn off REF % = {(REF_OFF2/255)*100}
22-15
REF_CLAMP2
R/W
X
Clamp REF Configuration Clamp REF % =
{(REF_CLAMP2/255)*100}
14-0
RESERVED
R/W
X
Reserved
8.7.2 Fault_Configuration Registers
Table 8-28 lists the memory-mapped registers for the Fault_Configuration registers. All register offset addresses
not listed in Table 8-28 should be considered as reserved locations and the register contents should not be
modified.
Table 8-28. FAULT_CONFIGURATION Registers
Offset
Acronym
Register Name
Section
92h
FAULT_CONFIG1
Fault configuration 1
Section 8.7.2.1
94h
FAULT_CONFIG2
Fault configuration 2
Section 8.7.2.2
Complex bit access types are encoded to fit into small table cells. Table 8-29 shows the codes that are used for
access types in this section.
Table 8-29. Fault_Configuration Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
109
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com