Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 135 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 135 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 131Page - Texas Instruments MCT8317A Datasheet HTML 132Page - Texas Instruments MCT8317A Datasheet HTML 133Page - Texas Instruments MCT8317A Datasheet HTML 134Page - Texas Instruments MCT8317A Datasheet HTML 135Page - Texas Instruments MCT8317A Datasheet HTML 136Page - Texas Instruments MCT8317A Datasheet HTML 137Page - Texas Instruments MCT8317A Datasheet HTML 138Page - Texas Instruments MCT8317A Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 161 page
background image
8.8.4.1 DEVICE_CTRL Register (Offset = E8h) [Reset = 00000000h]
DEVICE_CTRL is shown in Figure 8-79 and described in Table 8-55.
Return to the Table 8-53.
Device Control Parameters
Figure 8-79. DEVICE_CTRL Register
31
30
29
28
27
26
25
24
RESERVED
SPEED_CTRL
W-0h
W-0h
23
22
21
20
19
18
17
16
SPEED_CTRL
W-0h
15
14
13
12
11
10
9
8
OVERRIDE
RESERVED
W-0h
R-0h
7
6
5
4
3
2
1
0
RESERVED
R-0h
Table 8-55. DEVICE_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
31
RESERVED
W
0h
Reserved
30-16
SPEED_CTRL
W
0h
Digital speed command (SPEED_CTRL (%) = SPEED_CTRL/32767
* 100%)
15
OVERRIDE
W
0h
Speed input select for I2C vs speed pin
0h = SPEED_CMD using Analog/Freq/PWM mode
1h = SPEED_CMD using SPD_CTRL[14:0]
14-0
RESERVED
R
0h
Reserved
8.8.5 Algorithm_Variables Registers
Table 8-56 lists the memory-mapped registers for the Algorithm_Variables registers. All register offset addresses
not listed in Table 8-56 should be considered as reserved locations and the register contents should not be
modified.
Table 8-56. ALGORITHM_VARIABLES Registers
Offset
Acronym
Register Name
Section
40Ch
INPUT_DUTY
Input Duty Cycle
Section 8.8.5.1
512h
CURRENT_DUTY
Current Duty Cycle
Section 8.8.5.2
522h
SET_DUTY
Set Duty Cycle
Section 8.8.5.3
5CEh
MOTOR_SPEED_PU
Motor Speed in PU
Section 8.8.5.4
714h
DC_BUS_POWER_PU
DC Bus Power in PU
Section 8.8.5.5
Complex bit access types are encoded to fit into small table cells. Table 8-57 shows the codes that are used for
access types in this section.
Table 8-57. Algorithm_Variables Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com