Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 132 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 132 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 128Page - Texas Instruments MCT8317A Datasheet HTML 129Page - Texas Instruments MCT8317A Datasheet HTML 130Page - Texas Instruments MCT8317A Datasheet HTML 131Page - Texas Instruments MCT8317A Datasheet HTML 132Page - Texas Instruments MCT8317A Datasheet HTML 133Page - Texas Instruments MCT8317A Datasheet HTML 134Page - Texas Instruments MCT8317A Datasheet HTML 135Page - Texas Instruments MCT8317A Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 161 page
background image
8.8.2.3 SYS_STATUS3 Register (Offset = ECh) [Reset = 00000000h]
SYS_STATUS3 is shown in Figure 8-77 and described in Table 8-49.
Return to the Table 8-45.
Status of various system and motor parameters
Figure 8-77. SYS_STATUS3 Register
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
DC_BUS_CURR
DC_BATT_POW
R-0h
R-0h
Table 8-49. SYS_STATUS3 Register Field Descriptions
Bit
Field
Type
Reset
Description
31-16
DC_BUS_CURR
R
0h
DC bus current (/256 to get DC bus current in A)
15-0
DC_BATT_POW
R
0h
Battery (input) power (/64 to get battery power in W)
8.8.3 Algo_Control Registers
Table 8-50 lists the memory-mapped registers for the Algo_Control registers. All register offset addresses not
listed in Table 8-50 should be considered as reserved locations and the register contents should not be modified.
Table 8-50. ALGO_CONTROL Registers
Offset
Acronym
Register Name
Section
E6h
ALGO_CTRL1
Algorithm Control Parameters
Section 8.8.3.1
Complex bit access types are encoded to fit into small table cells. Table 8-51 shows the codes that are used for
access types in this section.
Table 8-51. Algo_Control Access Type Codes
Access Type
Code
Description
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
132
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com