Electronic Components Datasheet Search
  English  ▼

X  

TLE4252 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4252
Description  Tracking Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4252 Datasheet HTML 1Page - Infineon Technologies AG TLE4252 Datasheet HTML 2Page - Infineon Technologies AG TLE4252 Datasheet HTML 3Page - Infineon Technologies AG TLE4252 Datasheet HTML 4Page - Infineon Technologies AG TLE4252 Datasheet HTML 5Page - Infineon Technologies AG TLE4252 Datasheet HTML 6Page - Infineon Technologies AG TLE4252 Datasheet HTML 7Page - Infineon Technologies AG TLE4252 Datasheet HTML 8Page - Infineon Technologies AG TLE4252 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
4
Rev. 1.2, 2004-08-11
TLE 4252
Note: Maximum ratings are absolute ratings, exceeding one of these values may cause
irreversible damage to the integrated circuit!
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply Voltage Input I
Voltage
V
I
-42
45
V
–
Current
I
I
–
–
A
Limited internally
Enable Input EN
Voltage
V
EN
-42
45
V
–
Current
I
EN
–
–
A
Limited internally
Adjust Input ADJ
Voltage
V
ADJ
-42
45
V
–
Current
I
ADJ
–
–
A
Limited internally
Output Q
Voltage
V
Q
-2
45
V
–
Current
I
Q
–
–
A
Limited internally
Temperature
Junction temperature
T
j
-40
150
°C–
Storage temperature
T
stg
-50
150
°C–
ESD-Protection
Voltage
V
ESD
-2
2
kV
Human Body Model
(HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com