Electronic Components Datasheet Search
  English  ▼

X  

TLE4274 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4274
Description  Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG TLE4274 Datasheet HTML 10Page - Infineon Technologies AG TLE4274 Datasheet HTML 11Page - Infineon Technologies AG TLE4274 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
9
Rev. 2.1, 2004-01-01
TLE 4274 / 3.3V;2.5V
Current Consumption
I
q versus
Output Current
I
Q (low load)
Output Current
I
Q versus
Input Voltage
V
I
Current Consumption
I
q versus
Output Current
I
Q (high load)
Region of Stability
for
C
Q = 10 µF
AED02268
0
0
Q
I
q
I
0.1
0.2
0.3
0.4
0.5
0.6
10
20
30
40
mA
60
mA
I
V = 13.5 V
= 25 ˚C
T
j
20
010
0
mA
800
Q
Ι
= 25 C
T j
50
V
30
40
V Ι
AED02287
200
400
600
= 0 V
VQ
AED02267
0
0
Q
I
q
I
10
20
30
40
50
60
100
200
300
400
600
mA
I
V = 13.5 V
mA
= 25 ˚C
T
j
4
0
0.2
1
2
3
10
0
10
12
10 mA
Q
I
500
ESR
5
6
8
7
9
10
Ω
AED03050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com