Electronic Components Datasheet Search
  English  ▼

X  

TLE4274GSV33 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4274GSV33
Description  Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274GSV33 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4274GSV33 Datasheet HTML 4Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 5Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 6Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 7Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 8Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 9Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 10Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 11Page - Infineon Technologies AG TLE4274GSV33 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
8
Rev. 2.1, 2004-01-01
TLE 4274 / 3.3V;2.5V
Typical Performance Characteristics
Output Voltage
V
Q versus
Junction Temperature
T
j (V33-Version)
Input Current
I
q versus
Input Voltage
V
I (V33-Version)
Output Voltage
V
Q versus
Junction Temperature
T
j (V25-Version)
Input Current
I
q versus
Input Voltage
V
I (V25-Version)
AED02288
-40
040
80
120 ˚C 160
2.9
j
T
Q
V
3.1
3.3
3.5
V
V
I = 6 V
3.2
3.4
3.0
AED01969
-50
-2
I
V
I
I
I
R = 3.3 k
-25
0
25
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
mA
V
Ω
T = 25 ˚C
j
AED02806
-40
040
80
120 ˚C 160
2.1
j
T
Q
V
2.3
2.5
2.7
V
V
I = 6 V
2.6
2.4
2.2
AED03016
-50
-2
I
V
I
I
I
R = 3.3 k
-25
0
25
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
mA
V
Ω
T = 25 ˚C
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com