Electronic Components Datasheet Search
  English  ▼

X  

AOSS32128 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOSS32128
Description  20V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOSS32128 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOSS32128 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOSS32128 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOSS32128 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOSS32128 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOSS32128 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOSS32128
Symbol
Min
Typ
Max
Units
BVDSS
20
V
VDS=20V, VGS=0V
1
TJ=55°C
5
IGSS
±10
μA
VGS(th)
Gate Threshold Voltage
0.4
0.85
1.3
V
55
75
TJ=125°C
75
102
66
90
mΩ
86
120
mΩ
gFS
11
S
VSD
0.75
1
V
IS
2
A
Ciss
190
pF
Coss
30
pF
Crss
23
pF
Rg
4
8
12
Ω
Qg(4.5V)
2.2
6
nC
Qgs
0.2
nC
Qgd
0.6
nC
tD(on)
5.5
ns
tr
6
ns
tD(off)
21.5
ns
tf
5
ns
trr
3.7
ns
Qrr
1.7
nC
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
VGS=4.5V, ID=3.6A
m
Ω
VGS=4.5V, VDS=10V,
ID=3.6A
Reverse Transfer Capacitance
VGS=0V, VDS=10V, f=1MHz
Output Capacitance
Forward Transconductance
IS=1A, VGS=0V
VDS=5V, ID=3.6A
RDS(ON)
Diode Forward Voltage
Gate Source Charge
APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO MAKE
CHANGES TO PRODUCT SPECIFICATIONS WITHOUT NOTICE. IT IS THE RESPONSIBILITY OF THE CUSTOMER TO EVALUATE SUITABILITY
OF THE PRODUCT FOR THEIR INTENDED APPLICATION. CUSTOMER SHALL COMPLY WITH APPLICABLE LEGAL REQUIREMENTS,
INCLUDING ALL APPLICABLE EXPORT CONTROL RULES, REGULATIONS AND LIMITATIONS.
AOS' products are provided subject to AOS' terms and conditions of sale which are set forth at:
http://www.aosmd.com/terms_and_conditions_of_sale
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=3.6A, di/dt=300A/ms
Turn-Off DelayTime
Turn-Off Fall Time
VGS=4.5V, VDS=10V, RL=2.78W,
RGEN=3W
IF=3.6A, di/dt=300A/ms
Turn-On Rise Time
Turn-On DelayTime
Gate resistance
f=1MHz
Maximum Body-Diode Continuous Current
Input Capacitance
DYNAMIC PARAMETERS
VGS=2.5V, ID=3A
Static Drain-Source On-Resistance
VGS=1.8V, ID=1A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
μA
Zero Gate Voltage Drain Current
VDS=VGS, ID=250mA
VDS=0V, VGS=±8V
Gate-Body leakage current
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250μA, VGS=0V
IDSS
A. The value of RqJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RqJA is the sum of the thermal impedance from junction to lead RqJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedance which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev.1.1: February 2022
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com