Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16823 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16823 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16823 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16823 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16823
2.5V/3.3V 18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
1998 Jun 12
6
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω , Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = +3.3V±0.3V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
250
–
–
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
–
1.9
1.9
3.1
2.9
ns
tPHL
Propagation delay
nMR to nQx
2
–
2.0
3.0
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
–
1.8
2.7
4.2
4.0
ns
tPHZ
tPLZ
Output disable time
from High and Low level
4
5
–
2.7
2.0
4.0
3.0
ns
NOTE:
1. All typical values are at VCC = 3.3 V and Tamb = 25°C
AC SETUP REQUIREMENTS (3.3V
"0.3V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω , Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = +3.3V ±0.3V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
3
1.0
1.2
0.5
0.7
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
3
0.1
0.1
–0.7
–0.5
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
1.5
2.5
0.7
1.4
ns
ts(H)
ts(L)
Setup time, High or Low
nCE to nCP
3
1.0
0.5
0.1
–0.5
ns
th(H)
th(L)
Hold time, High or Low
nCE to nCP
3
1.0
1.0
0.5
–0.1
ns
tw(L)
nMR pulse width, Low
2
2.0
1.5
ns
trec
Recovery time
nMR to nCP
2
2.0
1.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com