Electronic Components Datasheet Search
  English  ▼

X  

TLE6282G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6282G
Description  Dual Half Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6282G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6282G Datasheet HTML 1Page - Infineon Technologies AG TLE6282G Datasheet HTML 2Page - Infineon Technologies AG TLE6282G Datasheet HTML 3Page - Infineon Technologies AG TLE6282G Datasheet HTML 4Page - Infineon Technologies AG TLE6282G Datasheet HTML 5Page - Infineon Technologies AG TLE6282G Datasheet HTML 6Page - Infineon Technologies AG TLE6282G Datasheet HTML 7Page - Infineon Technologies AG TLE6282G Datasheet HTML 8Page - Infineon Technologies AG TLE6282G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet TLE6282G
2
Rev 2.2 2006-03-07
Application Block Diagram – Injector / Valve Drive
SH1
TLE
4278G
V
S=12V
C
S
47µF
C
D
47nF
D
I
Q
Reset
W atchdog
C
Q
22µF
µC
GH1
R
Q
47 k
Ω
DH1
BH1
SH2
GH2
DH2
BH2
GL1
DL1
GND
GL2
DL2
VS
WD
R
V
CC
ER1
DT/
DIS
R
Q
47 k
Ω
IH1
IL1
IH2
IL2
Load 2
Load 1
C
B
220nF
C
B
220nF
C
S
1µF
R
10
Ω
This application diagram shows the principle schematics of a typical injector / valve drive. Other
configurations are possible as well. Freewheeling diodes are not considered. The 10 mΩ resistor
is not needed by the Driver IC, but may be needed for load current measurement. The voltage
devider networks, e.g. R = 10 kΩ, across the two Low Side MOSFETs are an example as well;
they allow to increas the current limit threshold for Short Circuit protection SCD for the Low Side
MOSFETs. As they pull down the Sources of the High Side MOSFETs (while the Low Side MOS-
FETs are off), they allow to pre-charge the CBx capacitors during start-up (before the Driver IC
gets enabled). The SCD current limit threshold can be increased for the High Side MOSFETs as
well by using voltage devider networks across the High Side MOSFETs. SCD can also be dis-
abled (High Side and / or Low Side MOSFETs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com