Electronic Components Datasheet Search
  English  ▼

X  

TLE7270 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7270
Description  5-V Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7270 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7270 Datasheet HTML 1Page - Infineon Technologies AG TLE7270 Datasheet HTML 2Page - Infineon Technologies AG TLE7270 Datasheet HTML 3Page - Infineon Technologies AG TLE7270 Datasheet HTML 4Page - Infineon Technologies AG TLE7270 Datasheet HTML 5Page - Infineon Technologies AG TLE7270 Datasheet HTML 6Page - Infineon Technologies AG TLE7270 Datasheet HTML 7Page - Infineon Technologies AG TLE7270 Datasheet HTML 8Page - Infineon Technologies AG TLE7270 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Max.
Input I
Voltage
V
I
-0.3
45
V
–
Current
I
I
-1
–
mA
–
Output Q
Voltage
V
Q
-0.3
5.5
V
–
Voltage
V
Q
-0.3
6.2
V
t < 10 s
1) Exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability.
1)
Current
I
Q
-1
–
mA
–
Reset Output RO
Voltage
V
RO
-0.3
5.5
V
–
Voltage
V
RO
-0.3
6.2
V
t < 10 s
1)
Current
I
RO
-1
1
mA
–
Delay Time DT
Voltage
V
DT
-0.3
5.5
V
–
Voltage
V
DT
-0.3
6.2
V
t < 10 s
1)
Current
I
DT
-1
1
mA
–
Temperature
Junction temperature
T
j
-40
150
°C
–
Storage temperature
T
stg
-50
150
°C
–
Data Sheet
4
Rev. 1.03, 2004-10-14
TLE 7270
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Input voltage
V
I
5.5
42
V
–
Junction temperature
T
j
-40
150
°C
–
Note: In the operating range, the functions given in the circuit description are fulfilled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com