Electronic Components Datasheet Search
  English  ▼

X  

TLE7272 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7272
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7272 Datasheet HTML 11Page - Infineon Technologies AG TLE7272 Datasheet HTML 12Page - Infineon Technologies AG TLE7272 Datasheet HTML 13Page - Infineon Technologies AG TLE7272 Datasheet HTML 14Page - Infineon Technologies AG TLE7272 Datasheet HTML 15Page - Infineon Technologies AG TLE7272 Datasheet HTML 16Page - Infineon Technologies AG TLE7272 Datasheet HTML 17Page - Infineon Technologies AG TLE7272 Datasheet HTML 18Page - Infineon Technologies AG TLE7272 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
15
Rev. 1.0a, 2005-02-08
TLE 7272
Reset Delay T
RD Time versus Junction
Temperature T
J
-4 0
T
j [° C ]
-2 0
2 0
4 0
8 0 1 0 0
T
RD
[m s ]
2 7 _ R ES ET D EL A Y VS
TE M P . V S D
16
14
12
18
06 0
1 4 0
120
V
I = 1 3 .5 V
22
Reset Headroom versus Junction
Temperature T
J
-4 0
T
j [° C ]
- 20
20
4 0
80 100
V
Q [V ]
28_V R T H E A D R O O M V S
TE M P . V S D
12 0
80
40
16 0
0
60
140
120
V
I = 1 3 .5 V
240
Thermal Resistance Junction-Ambient
R
THJA versus Power Dissipation PV
P
V [W ]
69
R
TH - J A
[K /W ]
32_R T H V S P V T O 252. V S D
60
55
50
65
31 2
A = 3 00m m 2
C ooling A r ea s ingle s ide d P C B
75
T O 252- 3
T O 252- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com