Electronic Components Datasheet Search
  English  ▼

X  

TLE7272D Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7272D
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272D Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7272D Datasheet HTML 10Page - Infineon Technologies AG TLE7272D Datasheet HTML 11Page - Infineon Technologies AG TLE7272D Datasheet HTML 12Page - Infineon Technologies AG TLE7272D Datasheet HTML 13Page - Infineon Technologies AG TLE7272D Datasheet HTML 14Page - Infineon Technologies AG TLE7272D Datasheet HTML 15Page - Infineon Technologies AG TLE7272D Datasheet HTML 16Page - Infineon Technologies AG TLE7272D Datasheet HTML 17Page - Infineon Technologies AG TLE7272D Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet
14
Rev. 1.0a, 2005-02-08
TLE 7272
Line Transient Response Peak Voltage
dV
Q
21 _Line T r anc ient v s tim e 12 5.v s d
dV
I 2V
T = 4 00µ s /D I V
VQ = 5 0 m V /D I V
VQ
T j= 1 25° C
V i= 13.5 V
Inhibit Input Current I
INH versus Inhibit
Input Voltage V
INH
I
IN H
[µ A ]
24_II N H v s V I N H . v s d
30
20
10
40
Tj = 2 5 ° C
10
V
IN H [V ]
30
40
20
50
Tj = - 4 0 ° C
Tj = 15 0° C
Inhibit Input Current I
INH versus Input
Voltage V
I, INH=Off
I
IN H
[µ A ]
25_I IN H v s V I N IN H _off . v s d
0. 6
0. 4
0. 2
0. 8
Tj = 2 5 ° C
10
V
IN [V ]
30
4 0
20
1. 0
Tj = - 4 0 ° C
Tj = 15 0° C
IN H = O F F
Reset Threshold V
RT versus Junction
Temperature T
J
-4 0
T
j [° C ]
- 20
2 0
40
8 0 100
V
Q [V ]
26_V R T V S T E M P . V S D
4.8 0
4.7 0
4.6 0
4.9 0
06 0
1 4 0
12 0
V
I = 1 3 .5 V
Re s e t Re le a s e
Th r e s h o ld
R e s e t T r igge r
T h r es hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com