Electronic Components Datasheet Search
  English  ▼

X  

TLE7272G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7272G
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7272G Datasheet HTML 8Page - Infineon Technologies AG TLE7272G Datasheet HTML 9Page - Infineon Technologies AG TLE7272G Datasheet HTML 10Page - Infineon Technologies AG TLE7272G Datasheet HTML 11Page - Infineon Technologies AG TLE7272G Datasheet HTML 12Page - Infineon Technologies AG TLE7272G Datasheet HTML 13Page - Infineon Technologies AG TLE7272G Datasheet HTML 14Page - Infineon Technologies AG TLE7272G Datasheet HTML 15Page - Infineon Technologies AG TLE7272G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet
12
Rev. 1.0a, 2005-02-08
TLE 7272
Load Regulation dV
Q versus Output
Current Change dI
Q
0
I
Q [m A ]
100
15 0
∆ V
Q
[m V ]
1 8b_dV Q - dI Q _ V i135 V . v s d
-1 5
-2 0
-2 5
-1 0
50
2 50
0
T
j = 2 5 ° C
-3 0
V
I = 1 3 . 5 V
T
j = - 40 ° C
T
j = 150 ° C
Load Regulation dV
Q versus Output
Current Change dI
Q
0
I
Q [m A ]
100
1 50
∆ V
Q
[m V ]
1 8c _dV Q - dIQ _V i28V .v s d
-1 5
-2 0
-2 5
-1 0
50
2 50
0
T
j = 2 5 ° C
-3 0
V
I = 2 8
T
j = - 4 0 ° C
T
j = 15 0 ° C
Line Regulation dV
Q versus Input
Voltage ChangedV
I
0
V
I [V ]
5
1 52 0
3 03 5
∆ V
Q
[m V ]
1 9_dV Q - dV I __150C . v s d
-3
-4
-5
-2
10
25
4 5
40
0
T
j = 150 ° C
-6
IQ = 1 0 m A
IQ = 2 00m A
IQ = 10 0m A
IQ = 1 m A
Line Regulation dV
Q versus Input
Voltage ChangedV
I
0
V
I [V ]
5
1 52 0
3 03 5
∆ V
Q
[m V ]
19_dV Q - dV I _25C . v s d
-3
-4
-5
-2
10
25
4 5
40
0
T
j = 25 ° C
-6
IQ = 10m A
IQ = 2 00m A
IQ = 10 0m A
IQ = 1 m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com