Electronic Components Datasheet Search
  English  ▼

X  

TLE7274G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7274G
Description  5-V Low Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7274G Datasheet HTML 1Page - Infineon Technologies AG TLE7274G Datasheet HTML 2Page - Infineon Technologies AG TLE7274G Datasheet HTML 3Page - Infineon Technologies AG TLE7274G Datasheet HTML 4Page - Infineon Technologies AG TLE7274G Datasheet HTML 5Page - Infineon Technologies AG TLE7274G Datasheet HTML 6Page - Infineon Technologies AG TLE7274G Datasheet HTML 7Page - Infineon Technologies AG TLE7274G Datasheet HTML 8Page - Infineon Technologies AG TLE7274G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Type
Ordering Code
Package
TLE 7274 D
Q67006-A9728
P-TO252-3-1, P-TO252-3-11
TLE 7274 G
Q67006-A9731
P-TO263-3-1
5-V Low Drop Voltage Regulator
TLE 7274
P-TO252-3-1
P-TO263-3-1
Data Sheet
1
Rev. 1.0, 2005-02-09
Features
•
Output voltage 5 V
±2%
•
Ultra low current consumption: typ. 20
µA
•
300 mA current capability
•
Very low-drop voltage
•
Short-circuit-proof
•
Suitable for use in automotive electronics
Functional Description
The TLE 7274 is a monolithic integrated low-drop
voltage regulator for load currents up to 300 mA. An input
voltage up to 42 V is regulated to
V
Q,nom = 5.0 V with a
precision of
±2%. The sophisticated design allows to
achieve stable operation even with ceramic output
capacitors down to 470 nF. The device is designed for
the harsh environment of automotive applications.
Therefore it is protected against overload, short circuit
and over temperature conditions. Of course the
TLE 7274 can be used also in all other applications,
where a stabilized 5 V voltage is required. Due to its ultra low stand-by current
consumption of typ. 20
µA the TLE 7274 is dedicated for use in applications permanently
connected to
V
BAT. An integrated output sink current circuitry keeps the voltage at the
Output pin Q below 5.5 V even when reverse currents are applied. Thus connected
devices are protected from overvoltage damage.
For applications requiring extremely low noise levels the Infineon voltage regulator family
TLE 42XY and TLE 44XY is more suited than the TLE 7274. A mV-range output noise
on the TLE 7274 caused by the charge pump operation is unavoidable due to the ultra
low quiescent current concept.


Similar Part No. - TLE7274G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7274G INFINEON-TLE7274G Datasheet
339Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 1.1, 2005-07-30
More results

Similar Description - TLE7274G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com