Electronic Components Datasheet Search
  English  ▼

X  

TLE7276 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7276
Description  5-V Low Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7276 Datasheet HTML 6Page - Infineon Technologies AG TLE7276 Datasheet HTML 7Page - Infineon Technologies AG TLE7276 Datasheet HTML 8Page - Infineon Technologies AG TLE7276 Datasheet HTML 9Page - Infineon Technologies AG TLE7276 Datasheet HTML 10Page - Infineon Technologies AG TLE7276 Datasheet HTML 11Page - Infineon Technologies AG TLE7276 Datasheet HTML 12Page - Infineon Technologies AG TLE7276 Datasheet HTML 13Page - Infineon Technologies AG TLE7276 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
10
Rev. 1.0, 2005-02-05
TLE 7276
Region of Stability
1 2_E S R - IQ .V S D
1
0.1
0.0 1
ES R
CQ
[
Ω]
0
I
Q [m A ]
10 0
15 0
50
2 00
C
Q = 10 nF . . . 10 µ F
T
j = 2 5 ° C
10 0
10
Sta b le
R e gion
Power Supply Ripple Rejection PSRR
versus Frequency f
10
f [H z ]
10k
PS RR
[d B ]
13_P S R R . V S D
60
50
100
1k
100 k
80
30
40
I
Q = 30 m A
V
RIP P L E = 1 V
V
IN = 13. 5 V
C
Q = 10 µ F T ant al um
T
j = 2 5 ° C
I
Q = 100 m A
I
Q = 0. 1 m A
Output Voltage V
Q Start-up behaviour
V
Q [V ]
14 _V I -
t im e_s t ar t up. v s d
5.0 0
4.9 0
4.8 0
5.0 5
I
Q = 5 m A
1
t [m s ]
34
25
I N H = ON
Load Regulation dV
Q versus Output
Current Change dI
Q
0
I
Q [m A ]
100
15 0
∆ V
Q
[m V ]
18a_ dV Q - dI Q _V i6V .v s d
-1 5
-2 0
-2 5
-1 0
50
2 50
0
T
j = 2 5 ° C
-3 0
V
I = 6 V
T
j = - 40 ° C
T
j = 150 ° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com