Electronic Components Datasheet Search
  English  ▼

X  

XC164KM Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XC164KM
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164KM Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XC164KM Datasheet HTML 17Page - Infineon Technologies AG XC164KM Datasheet HTML 18Page - Infineon Technologies AG XC164KM Datasheet HTML 19Page - Infineon Technologies AG XC164KM Datasheet HTML 20Page - Infineon Technologies AG XC164KM Datasheet HTML 21Page - Infineon Technologies AG XC164KM Datasheet HTML 22Page - Infineon Technologies AG XC164KM Datasheet HTML 23Page - Infineon Technologies AG XC164KM Datasheet HTML 24Page - Infineon Technologies AG XC164KM Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
XC164KM
Derivatives
Functional Description
Data Sheet
19
V1.0, 2005-11
3.3
Interrupt System
With an interrupt response time of typically 8 CPU clocks (in case of internal program
execution), the XC164KM is capable of reacting very fast to the occurrence of non-
deterministic events.
The architecture of the XC164KM supports several mechanisms for fast and flexible
response to service requests that can be generated from various sources internal or
external to the microcontroller. Any of these interrupt requests can be programmed to
being serviced by the Interrupt Controller or by the Peripheral Event Controller (PEC).
In contrast to a standard interrupt service where the current program execution is
suspended and a branch to the interrupt vector table is performed, just one cycle is
‘stolen’ from the current CPU activity to perform a PEC service. A PEC service implies a
single byte or word data transfer between any two memory locations with an additional
increment of either the PEC source, or the destination pointer, or both. An individual PEC
transfer counter is implicitly decremented for each PEC service except when performing
in the continuous transfer mode. When this counter reaches zero, a standard interrupt is
performed to the corresponding source related vector location. PEC services are very
well suited, for example, for supporting the transmission or reception of blocks of data.
The XC164KM has 8 PEC channels each of which offers such fast interrupt-driven data
transfer capabilities.
A separate control register which contains an interrupt request flag, an interrupt enable
flag and an interrupt priority bit field exists for each of the possible interrupt nodes. Via
its related register, each node can be programmed to one of sixteen interrupt priority
levels. Once having been accepted by the CPU, an interrupt service can only be
interrupted by a higher prioritized service request. For the standard interrupt processing,
each of the possible interrupt nodes has a dedicated vector location.
Fast external interrupt inputs are provided to service external interrupts with high
precision requirements. These fast interrupt inputs feature programmable edge
detection (rising edge, falling edge, or both edges).
Software interrupts are supported by means of the ‘TRAP’ instruction in combination with
an individual trap (interrupt) number.
Table 3-2 shows all of the possible XC164KM interrupt sources and the corresponding
hardware-related interrupt flags, vectors, vector locations and trap (interrupt) numbers.
Note: Interrupt nodes which are not assigned to peripherals (unassigned nodes), may
be used to generate software controlled interrupt requests by setting the
respective interrupt request bit (xIR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com