Electronic Components Datasheet Search
  English  ▼

X  

SSX35 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSX35
Description  Trusted platform module (TPM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSX35 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSX35 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSX35 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SSX35 Trusted platform module (TPM)
7
Table 4-1
Signal
Pin(s)
Type
Description
LAD[3:0]
26, 23, 20, 17
BI
Multiplexed Command, Address and
Data BUS
(see LPC Interface Spec)
LPCPD#
28
I
power down
LCLK
21
I
33MHz clock
(see LPC Interface Spec).
LFRAME#
22
I
Frame
indicates start of a new LPC
cycle, termination of broken cycle (see
LPC Interface Spec)
LRESET#
16
I
System reset signal
(see LPC Interface Spec)
SERIRQ
27
BI
Serialized IRQ
is used to handle interrupt
support (see LPC Interface Spec)
CLKRUN#/GPIO
15
BI
Same as PCI CLKRUN#. Active Low.
internal pull-down
GPIO will default to low.
PP
7
I,BI
Physical Presence, active high, internal
pull-down. Used to indicate Physical
Presence to the TPM.
DC
3,13,14
I
Do not connect
GPIO
1
BI
Defaults high. (weak internal pull-up)
GPIO
2
BI
Defaults high (weak internal pull-up)
GPIO6
6
BI
GPIO Defaults high (weak internal
pull-up)
TESTI
8
I
This pin will be pulled low on
motherboard. Assuming: Pull high to
enable Test mode. Pull low to disable
Test mode and enable GPIO on pin
9(TESTBI)
TESTBI/GPIO
9
BI
TESTBI: Test port. If TESTI is pulled low
acts as a GPIO.
GPIO will default high(weak internal
pull-up)
Power
3V
10, 19 24
I
This is a 3.3 volt DC power.
The maximum power for this interface is
250 ma.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com