Electronic Components Datasheet Search
  English  ▼

X  

CPEX2017L Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CPEX2017L
Description  High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CPEX2017L Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CPEX2017L Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CPEX2017L Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CPEX2017L Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CPEX2017L Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 / 4
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CPEX2017L Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Excellent DC bias capability to handle high peak current.
▪ Flat wire winding, achieve a low D.C. Resistance
▪Inductance value and saturation current are less affected by temperature
▪ Magnetic shielded structure: excellent resistance to electromagnetic
interference.
▪ Compact design saves PCB mounting area
Features:
▪ Core material:Composite
▪ Core and winding loss:
See
https://www.codaca.com/DesignTool_Power-Inductor-Loss-Comparison.h
tml
▪ Environmental:RoHS compliant, halogen free
▪ Weight:31.5g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -55℃~+150℃
(including coil
’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃
Application:
▪ PV inverter/Industrial control/New energy
▪ DC /DC converters/Motherboards/Filter
▪ High current switching regulators/Polyphase-switching regulators
1 Product Dimensions (mm)
2 Electrical Characteristics
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
±20%
Typical
Max.
Typical
Typical
CPEX2017L-3R3MC
3.30
0.77
0.92
70.0
52.5
CPEX2017L-4R7MC
4.70
1.13
1.35
55.0
41.8
CPEX2017L-7R6MC
7.60
1.70
2.04
46.0
34.0
CPEX2017L-100MC
10.0
2.07
2.48
41.0
31.0
CPEX2017L-150MC
15.0
3.52
4.22
31.0
24.0
CPEX2017L-220MC
22.0
4.67
5.60
24.0
20.5
20.5±0.5
17.5Max
20.5Max
3.5±0.5
6.0±0.5
※A±0.2
4.0±0.2
※B±0.5
Part No.
Dimension A
Dimension B
3R3
4R7
7R6
1.50
9.80
1.20
9.60
1.00
10.2
100
150
220
Dimension C
0.90
0.70
0.60
10.1
10.1
10.1
2.30
2.00
1.80
1.70
1.50
1.40
①
①
②
②
21.0
17.5
※C
5.0
※B
6.0
②
①
Typical Land pattern
※ Date code will be changed by manufacture date
Schematic
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the
Inductance decrease 30% of its initial Value
3.Irms:The actual value of DC current when the
Temperature rise is
ΔT50℃(Ta=25℃)
3 How to Order:
CPEX2017L-100MC
Model
Dimensions
Value Code
①
②


Similar Part No. - CPEX2017L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CPEX2020A CODACA-CPEX2020A Datasheet
928Kb / 4P
High Current Power Inductor
07/14/2020
CPEX2020A-100MC CODACA-CPEX2020A-100MC Datasheet
928Kb / 4P
High Current Power Inductor
07/14/2020
CPEX2020A-150MC CODACA-CPEX2020A-150MC Datasheet
928Kb / 4P
High Current Power Inductor
07/14/2020
CPEX2020A-220MC CODACA-CPEX2020A-220MC Datasheet
928Kb / 4P
High Current Power Inductor
07/14/2020
CPEX2022L CODACA-CPEX2022L Datasheet
786Kb / 4P
High Current Power Inductor
07/14/2020
More results

Similar Description - CPEX2017L

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com