Electronic Components Datasheet Search
  English  ▼

X  

IL711-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL711-2
Description  Dual Digital Isolator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL711-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL711-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL711-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL711-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL711-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL711-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL711-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL711-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IL711/712
ISOLOOP®
1
RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
NVE CORPORATION
Features
· +5V and +3.3V CMOS Compatible
· 2 ns Typical Pulse Width Distortion
· 10 ns Typical Propagation Delay
· High Speed: 100 MBaud
· 2 ns Channel to Channel Skew
·30kV/
µs Typical Transient Immunity
· 2500V
RMS Isolation (1 min)
· 8-pin PDIP and 8-pin SOIC Packages
· UL1577 Approved (File # E207481)
· IEC 61010-1 Approved (Report # 607057)
Applications
· Isolated Data Transmission
· Isolated ADCs and DACs
· Fieldbus Isolation
· High Speed Digital Systems
· Computer Peripheral Interfaces
· Logic Level Shifting
Description
The IL711 and IL712 offer the user a level of true logic integration
in an isolation product not previously available. The high speed
digital isolators are configured as dual unidirectional in the IL711,
and as a bi-directional pair in the IL712. Both devices are integrated
with patented* ISOLOOP
® technology giving them an excellent
transient immunity specification. The symmetric magnetic coupling
barrier gives these devices a propagation delay of only 10ns and a
pulse width distortion of 2 ns.
Both the IL711 and the IL712 have 100Mbaud data rates which are
independent of direction, i.e. the IL712 operates in full duplex mode
making it ideal for many fieldbus bus applications. PROFIBUS /
RS485 configurations are achieved by combinations of IL710 and
the IL711 or IL712, either combination meeting the overall
propagation delay requirements of the specification. Available in 8-
pin PDIP and 8-pin SOIC packages, the IL711 and IL712 are
specified over the temperature range of
-40°C to +100°C without any derating in performance.
Dual Digital Isolator
Functional Diagram
2
OUT
1
IN
1
OUT
2
IN
2
IN
1
IN
1
OUT
2
OUT
IL711
IL712
Isoloop
® is a registered trademark of NVE Corporation
* US Patent number 5,831,426; 6,300,617 and others
Ordering Information
Model
Package Type
8–PDIP
8–SOIC
IL711
-2
-3
IL712
-2
-3
IL711-2 is 8–PDIP package
IL712-3 is an 8–SOIC package


Similar Part No. - IL711-2

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL711-2 NVE-IL711-2 Datasheet
760Kb / 20P
High Speed Two-Channel Digital Isolators
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
NVE Corporation
IL711-2E NVE-IL711-2E Datasheet
760Kb / 20P
High Speed Two-Channel Digital Isolators
More results

Similar Description - IL711-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
Texas Instruments
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com