Electronic Components Datasheet Search
  English  ▼

X  

IXRH50N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRH50N60
Description  IGBT with Reverse Blocking capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRH50N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRH50N60 Datasheet HTML 1Page - IXYS Corporation IXRH50N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
V
CES
= 600 / 800V
I
C25
= 60 A
V
CE(sat) =
2.5 V
t
f
= 75 ns
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
Features
q
IGBT with NPT (non punch through)
structure
q
reverse blocking capability indepen-
dent from gate voltage
- function of series diode monolithically
integrated
- no external series diode required
- soft reverse recovery
q
positive temperature coefficient of
saturation voltage
- optimum current distribution
when paralleled
q
Epoxy of TO 247 package meets
UL 94V-0
Applications
converters requiring reverse blocking
capability:
- current source inverters
- matrix converters
- bi-directional switches
- resonant converters
- induction heating
- auxiliary switches for soft switching
in the main current path
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
IXRH 50N80
±800
V
IXRH 50N60
±600
V
V
GES
± 20
V
I
C25
T
C =
25°C
60
A
I
C90
T
C =
90°C
40
A
I
CM
V
GE = 0/15 V; RG = 22 Ω; TVJ = 125°C
80
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
500
V
P
tot
T
C = 25°C
300
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 40 A; VGE = 15 V; TVJ =
25°C
2.5
3.1
V
T
VJ = 125°C
3.0
V
V
GE(th)
I
C = 2 mA; VGE = VCE
48
V
I
CES
V
CE = 0.8 VCES; VGE = 0 V; TVJ =
25°C
0.4
mA
T
VJ = 125°C
3.0
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
500
nA
t
d(on)
80
ns
t
r
100
ns
t
d(off)
380
ns
t
f
75
ns
E
on
3.6
mJ
E
off
2.1
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
4
nF
Q
Gon
V
CE = 500V; VGE = 15 V; IC = 40 A
150
nC
I
RM
I
F = 40 A; diC/dt = -400 A/µs; TVJ = 125°C
58
A
t
rr
V
CE = -500 V; VGE = 15 V
840
ns
R
thJC
0.42 K/W
Inductive load, T
VJ = 125°C
V
CE = 500 V; IC = 40 A
V
GE = 0/15 V; RG = 22 Ω
TO-247 AD
G
C
E
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
C (TAB)
C
E
G
IGBT with Reverse
Blocking capability
IXRH 50N80
IXRH 50N60
IXYS Semiconductor GmbH
Edisonstr. 15,
D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670


Similar Part No. - IXRH50N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRH50N100 IXYS-IXRH50N100 Datasheet
53Kb / 2P
IGBT with Reverse Blocking capability
IXRH50N120 IXYS-IXRH50N120 Datasheet
53Kb / 2P
IGBT with Reverse Blocking capability
More results

Similar Description - IXRH50N60

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
5.0A Reverse Blocking Thyristor
logo
IXYS Corporation
IXRH50N120 IXYS-IXRH50N120 Datasheet
53Kb / 2P
IGBT with Reverse Blocking capability
logo
Sanken electric
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
Reverse Blocking Triode Thyristor
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
IXYS Corporation
IXRH40N120 IXYS-IXRH40N120 Datasheet
115Kb / 5P
IGBT with Reverse Blocking capability
logo
NXP Semiconductors
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
High blocking voltage capability
26 September 2013
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
Reverse Blocking Current
logo
Maxim Integrated Produc...
MAX14606 MAXIM-MAX14606 Datasheet
1Mb / 11P
Overvoltage Protectors with Reverse Bias Blocking
Rev 0; 12/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com