Electronic Components Datasheet Search
  English  ▼

X  

6713 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6713
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6713 Datasheet(HTML) 1 Page - Alpha Wire

  6713 Datasheet HTML 1Page - Alpha Wire 6713 Datasheet HTML 2Page - Alpha Wire 6713 Datasheet HTML 3Page - Alpha Wire 6713 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 6713
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.0095" Wall, Nom. MPPE
0.049+/- 0.002
(1) Print
ALPHA WIRE ECOWIRE TM 22 AWG E163869-DB
RU AWM 11028 105C 600V VW-1 --- CRU AWM I A/B
105C 600V FT1 CE ROHS
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW, DARK BLUE
WHITE/BLACK, WHITE/RED, WHITE/YELLOW
1) UL
AWM/STYLE 11028
105°C / 600 VRMS
VW-1
2) CSA International
C(RU) AWM I A/B FT1
105°C / 600 VRMS
3) Other
Halogen-Free
IEC 60332-2 Flame Behavior
4) CE:
EU Low Voltage Directive 2014/35/EU
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU and the amending Directive 2015/863/EU of
4 June 2015 regarding the restriction of use of certain hazardous substances
in electrical and electronic equipment.


Similar Part No. - 6713

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6713 POMONA-6713 Datasheet
77Kb / 1P
Adapter Push-on Plug Jack
logo
List of Unclassifed Man...
6713 ETC2-6713 Datasheet
69Kb / 2P
0.0095 Wall, Nom. Modified Polyphenilether
logo
Alpha Wire
6713 ALPHAWIRE-6713 Datasheet
70Kb / 3P
Customer Specification
logo
Bourns Electronic Solut...
6713-RC BOURNS-6713-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
logo
Molex Electronics Ltd.
67130-0801 MOLEX7-67130-0801 Datasheet
261Kb / 3P
1.27mm (.050") PC Card Header, One Slot, Flush Profile, Top Mount, Right AngleSMT, without Mylar, Embossed Tape on Reel Packaging, Lead-free
More results

Similar Description - 6713

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com