Electronic Components Datasheet Search
  English  ▼

X  

SP7685 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7685
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7685 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7685 Datasheet HTML 4Page - Sipex Corporation SP7685 Datasheet HTML 5Page - Sipex Corporation SP7685 Datasheet HTML 6Page - Sipex Corporation SP7685 Datasheet HTML 7Page - Sipex Corporation SP7685 Datasheet HTML 8Page - Sipex Corporation SP7685 Datasheet HTML 9Page - Sipex Corporation SP7685 Datasheet HTML 10Page - Sipex Corporation SP7685 Datasheet HTML 11Page - Sipex Corporation SP7685 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
EVALUATION BOARD CIRCUIT LAYOUT
Table 2: Resistor values and sizes
Watt pulsed power, more than enough for
this application. For other applications, the
P
FLASH power can be calculated and resistor
size selected. The R
SENSE resistor is recom-
mended to be size 0603 for most applica-
tions. The range of typical resistor values
and sizes are shown here in Table 2.
COMPONENT SELECTION
Part Reference
Value
Tolerance
Size
Manufacturers
RSET
33kΩ
5%
0402
any
RSET
39kΩ
5%
0402
any
RSET
43kΩ
5%
0402
any
RSET
47kΩ
5%
0402
any
RSET
56kΩ
5%
0402
any
RSET
62kΩ
5%
0402
any
RSET
68kΩ
5%
0402
any
RSET
82kΩ
5%
0402
any
RSET
100kΩ
5%
0402
any
RSET
110kΩ
5%
0402
any
RSET
120kΩ
5%
0402
any
RSET
150kΩ
5%
0402
any
RSENSE
0.22Ω
5%
0603
Panasonic or Vishay
RSENSE
0.27Ω
5%
0603
Panasonic or Vishay
RSENSE
0.33Ω
5%
0603
Panasonic or Vishay
RSENSE
0.39Ω
5%
0603
Panasonic or Vishay
RSENSE
0.47Ω
5%
0603
Panasonic or Vishay
RSENSE
0.56Ω
105%
0604
Panasonic or Vishay
RSENSE
0.68Ω
205%
0605
Panasonic or Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com