Electronic Components Datasheet Search
  English  ▼

X  

STTH10002TV2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH10002TV2
Description  Ultrafast recovery diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10002TV2 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH10002TV2 Datasheet HTML 1Page - STMicroelectronics STTH10002TV2 Datasheet HTML 2Page - STMicroelectronics STTH10002TV2 Datasheet HTML 3Page - STMicroelectronics STTH10002TV2 Datasheet HTML 4Page - STMicroelectronics STTH10002TV2 Datasheet HTML 5Page - STMicroelectronics STTH10002TV2 Datasheet HTML 6Page - STMicroelectronics STTH10002TV2 Datasheet HTML 7Page - STMicroelectronics STTH10002TV2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH10002
Characteristics
3/8
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25 °C
53
65
ns
IF = 1 A, dIF/dt = -200 A/µs,
VR = 30 V, Tj = 25 °C
30
37
IRM
Reverse recovery current
IF = 50 A, dIF/dt = 200 A/µs,
VR = 160 V, Tj = 125 °C
10
13
A
tfr
Forward recovery time
IF = 50 A, dIF/dt = 200 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
180
ns
VFP
Forward recovery voltage
IF = 50 A, dIF/dt = 200 A/µs,
Tj = 25 °C
1.6
V
Figure 1.
Peak current versus duty cycle
Figure 2.
Forward voltage drop versus
forward current (typical values, per
diode)
0
100
200
300
400
500
600
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
M(A)
T
d=tp/T
tp
I
M
T
δ=tp/T
tp
I
M
P = 60 W
P = 60 W
P = 30 W
P = 30 W
P = 100 W
P = 100 W
δ
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
FM(A)
T
j=25°C
T
j=150°C
VFM(V)
Figure 3.
Forward voltage drop versus
forward current (maximum values,
per diode)
Figure 4.
Relative variation of thermal
impedance, junction to case,
versus pulse duration
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
FM(A)
T
j=25°C
T
j=150°C
VFM(V)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-c)/Rth(j-c)
Single pulse
ISOTOP
tp(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com