Electronic Components Datasheet Search
  English  ▼

X  

ACT4404N Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4404N
Description  Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4404N Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4404N Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4404N Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD4404N Rev C
FEATURES
❑
ACT4404N transceiver meets MIL-STD-1553A & B, Macair A3818, A4905, A5232 and A5690 specs
❑
Bipolar supply ±15V to ±12V, logic supply +5V
❑
Monolithic construction
❑
Direct replacement for CT3232M
❑
Voltage source output for higher bus drive power
❑
Variable receiver threshold capability
❑
Designed for commercial, industrial and aerospace applications
❑
MIL-PRF-38534 compliant devices available
❑
Aeroflex-Plainview is a Class H & K MIL-PRF-38534 manufacturer
GENERAL DESCRIPTION
The Aeroflex-Plainview transceiver model ACT4404N is a new generation monolithic transceiver which provide full compliance
with Macair and MIL-STD-1553 data bus requirements.
The model ACT4404N performs the front-end analog function of inputting and outputting data through a transformer to a
MIL-STD-1553 or Macair data bus. The ACT4404N can be considered a "Universal" Transceiver in that it is compatible with
MIL-STD-1553A/B, Macair (A-3818, A-4905, A-5232 and A-5690).
Design of these transceivers reflects particular attention to active filter performance. This results in low bit and word error rate
with superior waveform purity and minimal zero crossover distortion. The ACT4404N active filter design has additional high
frequency roll-off to provide the required Macair low harmonic distortion waveform without increasing the pulse delay
characteristics significantly.
Efficient transmitter electrical and thermal design provides low internal power dissipation and heat rise at high and well as low
duty cycles. An optional receiver input threshold adjustment can be accomplished by the use of the ''External Threshold"
terminals.
TRANSMITTER
The Transmitter section accepts bi-phase TTL data at the input and when coupled to the data bus with a 1:1 transformer the data
bus signal produced is 7.0 Volts typical P-P at point A-A’ (See Figure 3 or 4). When both DATA and DATA inputs are held low or
high, the transmitter output becomes a high impedance and is “removed” from the line. In addition, an overriding "INHIBIT''
input provides for the removal of the transmitter output from the line. A logic '' 1'' applied to the '' INHIBIT'' takes priority over
the condition of the data inputs and disables the transmitter (See Transmitter Logic Waveforms - Figure 1).
The transmitter utilizes an active filter to suppress harmonics above 1 MHz to meet Macair specifications A-3818, A-4905,
A-5232 and A-5690. The transmitter may be safely operated for an indefinite period at 100% duty cycle into a data bus short
circuit.
The transceiver utilizes an active filter to suppress harmonics above 1MHz. The Transmitter may be safely operated at 100%
duty cycle for an indefinite period into a short circuited 1553 bus.
RECEIVER
The Receiver section accepts bi-phase differential data at the input and produces two TTL signals at the output. The outputs are
DATA and DATA, and represent positive and negative excursions of the input beyond a pre-determined threshold (See Receiver
Logic Waveforms - Figure 2).
The internal threshold is nominally set to detect data bus signals exceeding 1.05 Vp-p and reject signals less than 0.6 Vp-p when
used with a 1:1 turns ratio transformer (See Figure 3 or 4 for transformer data and typical connection). This threshold setting can
be held by grounding the appropriate pins or modified with the use of external resistors.
A low level at the ''STROBE'' input inhibits the DATA and DATA outputs. If unused, a 2K Ohm pull-up to +5VDC is
recommended.
ACT4404N Single Transceiver
Standard Products
www.aeroflex.com/Avionics
March 4, 2005
for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553
& SAE-AS15531


Similar Part No. - ACT4404N

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N-2 AEROFLEX-ACT4404N-2 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
More results

Similar Description - ACT4404N

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com