Electronic Components Datasheet Search
  English  ▼

X  

74F07 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F07
Description  Inverter/buffer drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F07 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F07 Datasheet HTML 1Page - NXP Semiconductors 74F07 Datasheet HTML 2Page - NXP Semiconductors 74F07 Datasheet HTML 3Page - NXP Semiconductors 74F07 Datasheet HTML 4Page - NXP Semiconductors 74F07 Datasheet HTML 5Page - NXP Semiconductors 74F07 Datasheet HTML 6Page - NXP Semiconductors 74F07 Datasheet HTML 7Page - NXP Semiconductors 74F07 Datasheet HTML 8Page - NXP Semiconductors 74F07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F06, 74F06A,
74F07, 74F07A
Hex inverter/buffer drivers (open-collector)
July 24, 1992
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
IOH
High-level output
current
’F06, ’F07
VCC = MIN, VIL = MAX,
V
MAX V
MIN
250
µA
current
’F06A, ’F07A
VOH = MAX, VIH = MIN
100
µA
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
IOL = MAX
±10% VCC
0.30
0.50
V
VIH = MIN
±5% VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
’F06, ’F07
VCC = MAX, VI = 0.5V
–0.6
mA
’F06A, ’F07A
–0.4
mA
ICC
Supply current (total)
74F06,
74F06A
ICCH
VCC = MAX
5.0
8.0
mA
74F06A
ICCL
30
43
mA
74F07,
74F07A
ICCH
10
14
mA
74F07A
ICCL
32
45
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 100Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 100Ω
UNIT
Min
Typ
Max
Min
Max
tPLH
Propagation delay
’F06
Waveform 1
2.0
1.5
3.5
3.0
6.0
5.5
1.5
1.0
6.5
6.0
ns
PLH
tPHL
gy
An to Yn
’F06A
Waveform 1
5.0
2.0
9.0
4.0
11.0
6.0
4.0
2.0
15.0
8.0
ns
tPLH
Propagation delay
’F07
Waveform 2
2.0
3.0
4.0
5.0
6.0
7.0
2.0
2.5
6.5
7.5
ns
PLH
tPHL
gy
An to Yn
’F07A
Waveform 2
6.0
5.0
10.5
7.5
13.0
10.0
5.0
4.0
17.0
13.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com