Electronic Components Datasheet Search
  English  ▼

X  

XVC6B5 Datasheet(PDF) 1 Page - Schneider Electric

Part # XVC6B5
Description  Harmony XVC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC6B5 Datasheet(HTML) 1 Page - Schneider Electric

  XVC6B5 Datasheet HTML 1Page - Schneider Electric XVC6B5 Datasheet HTML 2Page - Schneider Electric XVC6B5 Datasheet HTML 3Page - Schneider Electric XVC6B5 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan 13, 2022
1
Product data sheet
Characteristics
XVC6B5
Harmony XVC, Monolithic precabled tower
light, plastic, red orange green blue clear, Ø60,
tube mounting, steady, IP23, 24 V AC/DC
Main
Range of Product
Harmony XVC6
Product or Component
Type
Complete pre-wired monolithic tower light
Beacon or indicator
bank unit type
5 illuminated units
Sound signalling
Without
Mounting diameter
2.36 in (60 mm)
Component name
XVC
Light source
LED steady red
LED steady orange
LED steady green
LED steady blue
LED steady clear
[Us] rated supply
voltage
24 V
Supply circuit type
AC/DC
Complementary
Material
Polycarbonate illuminated unit
ABS (acrylonitrile butadiene-styrene) base unit
PBT + ABS (UL94HB) top cover
STK (chromium-plated) support tube
Product mounting
On support tube, 22 mm
Cable cross section
0.00 in² (0.33 mm²)
AWG gauge
AWG 22
Cable length
23.62 in (600 mm)
Marking
CE
[Uimp] rated impulse withstand voltage
0.8 kV
Current Consumption
125 mA
Flashing frequency
1 Hz
Net Weight
1.90 lb(US) (0.86 kg)
Height
23.16 in (588.3 mm)
Environment
Standards
EN/IEC 61000-6-2
EN/IEC 61000-6-3
EN/IEC 61000-6-4
Product Certifications
UL
Protective treatment
TC
Ambient Air Temperature for Storage
-31…158 °F (-35…70 °C)
Ambient air temperature for operation
14…122 °F (-10…50 °C)
Electrical shock protection class
Class I EN/IEC 61140
IP degree of protection
IP23 vertical surface installation EN/IEC 60529


Similar Part No. - XVC6B5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC6B25S SCHNEIDER-XVC6B25S Datasheet
83Kb / 4P
Tower Lights
Jan 12, 2022
logo
List of Unclassifed Man...
XVC6B3K ETC2-XVC6B3K Datasheet
72Kb / 3P
tower light 60 mm 24 V steady LED - green/ orange/red
logo
Schneider Electric
XVC6B45S SCHNEIDER-XVC6B45S Datasheet
83Kb / 4P
Harmony XVC
Jan 13, 2022
More results

Similar Description - XVC6B5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4M3 SCHNEIDER-XVC4M3 Datasheet
85Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M2 SCHNEIDER-XVC4M2 Datasheet
85Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M1 SCHNEIDER-XVC4M1 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4B4 SCHNEIDER-XVC4B4 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B2K SCHNEIDER-XVC4B2K Datasheet
104Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
XVC4B2 SCHNEIDER-XVC4B2 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B1K SCHNEIDER-XVC4B1K Datasheet
112Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm
XVC4B1 SCHNEIDER-XVC4B1 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC1B1K SCHNEIDER-XVC1B1K Datasheet
88Kb / 3P
Harmony XVC
Jan 13, 2022
XVC6B45S SCHNEIDER-XVC6B45S Datasheet
83Kb / 4P
Harmony XVC
Jan 13, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com