Electronic Components Datasheet Search
  English  ▼

X  

1300480309 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300480309
Description  Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 1.0m (3.28) Length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300480309 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300480309 Datasheet HTML 1Page - Molex Electronics Ltd. 1300480309 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/02/2023
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300480309
Status:
Active
Overview:
Brad Industrial Ethernet Solutions
Description:
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male
(Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 1.0m
(3.28') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E200650
General
Product Family
Industrial Cordsets
Series
120108
Connector End A
Micro-Change (M12)
Connector End B
RJ-45 (standard)
IP Rating
IP67
Material - Contact
Copper Alloy, Phosphor Bronze
Overview
Brad Industrial Ethernet Solutions
Performance Category
5e
Product Name
Micro-Change (M12), RJ45
Region
America, Asia, Europe
Taxonomy
Circular Industrial Cordsets
Type
Double Ended
UPC
78172545174
Physical
Cable Diameter
6.10mm (.240")
Cable Length
1.0m (3.28')
Color - Cable Jacket
Teal
Coupling Style
Threaded
Gender
Male-Male
Keyway
D-coded
LED Indicator
No
Material - Cable Jacket
TPE
Material - Connector Body
PUR
Material - Coupling Nut
Nickel-plated Brass
Material - Plating Mating
Gold
Net Weight
60.327/g
Orientation
Straight to Straight
Poles
4
Temperature Range - Operating
-20° to +75°C
Wire Size AWG
24
Wire/Cable Type
Unshielded TPE/AWM 2463
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V AC / 60V DC
Material Info
Engineering Number
E16A06004M010
Reference - Drawing Numbers
Sales Drawing
SD-130048-009-001
Series image - Reference only
EU ELV
Compliant with
Exemption 3
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
D(2022)4187-DC (10
June 2022)
Lead
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Not Relevant
ELV
Compliant with
Exemption 3
RoHS Phthalates
Not Contained
ZZCERT_CE -
Declaration of
Conformity
CER_4000410038_00_000.pdf
ZZCERT_UKCA
- Declaration of
Conformity
CER_4000410299_00_000.pdf
Search Parts in this Series
120108 Series


Similar Part No. - 1300480309

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300480300 MOLEX-1300480300 Datasheet
43Kb / 1P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (90°) to Pigtail, 22 AWG, Green TPU WSOR Cable, 5.0m (16.40) Length
02/02/2023
1300480301 MOLEX-1300480301 Datasheet
27Kb / 1P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (90°) to Pigtail, 22 AWG, Green TPU WSOR Cable, 10.0m (32.81) Length
02/02/2023
1300480302 MOLEX-1300480302 Datasheet
27Kb / 1P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (90°) to Pigtail, 22 AWG, Green TPU WSOR Cable, 20.0m (65.62) Length
03/07/2023
1300480305 MOLEX-1300480305 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 5.0m (16.40) Length
02/02/2023
1300480306 MOLEX-1300480306 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 10.0m (32.81) Length
03/09/2023
More results

Similar Description - 1300480309

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300480205 MOLEX-1300480205 Datasheet
38Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded PVC Cat5e Cable, 1.0m (3.28) Length
02/01/2023
1300480305 MOLEX-1300480305 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 5.0m (16.40) Length
02/02/2023
1300480354 MOLEX-1300480354 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 12.0m (39.37) Length
03/08/2023
1300480359 MOLEX-1300480359 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 27.0m (88.58) Length
03/08/2023
1300480360 MOLEX-1300480360 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 30.0m (98.40) Length
02/24/2023
1300480367 MOLEX-1300480367 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 38.0m (124.67) Length
02/24/2023
1300480372 MOLEX-1300480372 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 61.0m (200.13) Length
02/24/2023
1300480377 MOLEX-1300480377 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 85.0m (278.87) Length
02/24/2023
1300480306 MOLEX-1300480306 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 10.0m (32.81) Length
03/09/2023
1300480346 MOLEX-1300480346 Datasheet
22Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 60.0m (196.85) Length
03/08/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com