Electronic Components Datasheet Search
  English  ▼

X  

F14C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # F14C
Description  14 Lead Ceramic Flatpack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

F14C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  F14C Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 1993
14 Lead Ceramic Flatpack
NS Package Number F14C
All dimensions are in inches (millimeters)
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - F14C

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F140 FOX-F140 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
logo
Alpha Wire
F14004KW ALPHAWIRE-F14004KW Datasheet
411Kb / 4P
14 (105/34) AWG Bare Copper
F14004LW ALPHAWIRE-F14004LW Datasheet
411Kb / 4P
14 (105/34) AWG Bare Copper
F14004RW ALPHAWIRE-F14004RW Datasheet
411Kb / 4P
14 (105/34) AWG Bare Copper
F14005KW ALPHAWIRE-F14005KW Datasheet
412Kb / 4P
14 (105/34) AWG Bare Copper
More results

Similar Description - F14C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
W14B NSC-W14B Datasheet
62Kb / 1P
14 Lead Ceramic Flatpack NS Package Number W14B
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
D14D NSC-D14D Datasheet
60Kb / 1P
DIP, SIDEBRAZED CERAMIC 14 LEAD
logo
Nais(Matsushita Electri...
NF2EB-5V NAIS-NF2EB-5V Datasheet
141Kb / 3P
FLATPACK RELAY
logo
PIC GmbH
PIC-MSM-324 PIC-PIC-MSM-324 Datasheet
21Kb / 1P
Flatpack Magnet
PIC-MSM-328 PIC-PIC-MSM-328 Datasheet
21Kb / 1P
Flatpack Magnet
PIC-MSM-332 PIC-PIC-MSM-332 Datasheet
58Kb / 1P
Flatpack Magnet
logo
Panasonic Semiconductor
NF2EB-12V PANASONIC-NF2EB-12V Datasheet
204Kb / 3P
FLATPACK RELAY
NF4EB-12V-A PANASONIC-NF4EB-12V-A Datasheet
204Kb / 3P
FLATPACK RELAY
logo
PIC GmbH
MSM-324 PIC-MSM-324 Datasheet
68Kb / 1P
Flatpack Magnet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com