Electronic Components Datasheet Search
  English  ▼

X  

IS24C02A Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS24C02A
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C02A Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS24C02A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS24C02A Datasheet HTML 21Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Integrated Silicon Solution, Inc.
PACKAGING INFORMATION
ISSI®
Thin Shrink Small Outline TSSOP
Package Code: Z (8 pin, 14 pin)
Rev B 02/01/02
TSSOP (Z)
Ref. Std.
JEDEC MO-153
No. Leads
8
Millimeters
Inches
Symbol Min
Max
Min
Max
A
—
1.20
—
0.047
A1
0.05
0.15
0.002 0.006
A2
0.80
1.05
0.032 0.041
B
0.19
0.30
0.007 0.012
C
0.09
0.20
0.004 0.008
D
2.90
3.10
0.114 0.122
E1
4.30
4.50
0.169 0.177
E
6.40 BSC
0.252 BSC
e
0.65 BSC
0.026 BSC
L
0.45
0.75
0.018 0.030
α
—8°
—
8°
TSSOP (Z)
Ref. Std.
JEDEC MO-153
No. Leads
14
Millimeters
Inches
Symbol Min
Max
Min
Max
A
—
1.20
—
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.031
0.041
B
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035 0.008
D
4.90
5.10
0.193
0.201
E1
4.30
4.50
0.170
0.177
E
6.40 BSC
0.252 BSC
e
0.65 BSC
0.026 BSC
L
0.45
0.75
0.0177 0.0295
α
—8°
—
8°
D
B
e
E1
A2
E
C
A
A1
L
α
1
N
N/2
SSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may
appear in this publication. © Copyright 2002, Integrated Silicon Solution, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com