Electronic Components Datasheet Search
  English  ▼

X  

74F133 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F133
Description  13.input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F133 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F133 Datasheet HTML 1Page - NXP Semiconductors 74F133 Datasheet HTML 2Page - NXP Semiconductors 74F133 Datasheet HTML 3Page - NXP Semiconductors 74F133 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors Products
Product specification
FAST 74F133
13–input NAND Gate
1
July 2, 1993
853-10219
FAST Products
PRODUCT SPECIFICATION
TYPE
TYPICAL PROPAGATION
DELAY
TYPICAL SUPPLY CURRENT
(TOTAL)
74F133
4.0ns
2.0 mA
ORDERING INFORMATION
ORDER CODE
COMMERCIAL RANGE
INDUSTRIAL RANGE
DESCRIPTION
VCC = 5V ±10%,
VCC = 5V ±10%,
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
16–pin plastic DIP
N74F133N
I74F133N
16–pin plastic SO
N74F133D
I74F133D
INPUT AND OUTPUT LOADNG AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
DO - D12
Data inputs
1.0/1.0
20
µA/0.6mA
Q
Data output
50/33
1.0mA/20mA
Note to input and output loading and fan out table
1. One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
PIN CONFIGURATION
LOGIC SYMBOL
LOGIC SYMBOL (IEEE/IEC)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
VCC = Pin 16
GND = Pin 8
1
2
3
4
5
6
7
10
11
12
13
14
15
1
2
3
4
5
6
7
10
11
12
13
14
15
9
&
VCC
D12
D11
D10
D9
D8
D7
Q
D0
D1
D2
D3
D4
D5
D6
GND


Similar Part No. - 74F133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74F133 ETC1-74F133 Datasheet
85Kb / 8P
13-input NAND gate
logo
Nexperia B.V. All right...
74F133 NEXPERIA-74F133 Datasheet
198Kb / 9P
13-input NAND gate
July 2, 1993
More results

Similar Description - 74F133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
13-input NAND gate
September 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
13-Input NAND Gate
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
13-Input NAND Gate
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
13-Input NAND Gate
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
13-input NAND Gate
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
13-input NAND gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com