Electronic Components Datasheet Search
  English  ▼

X  

74F139 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F139
Description  Dual 1-of-4 decoder/demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F139 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F139 Datasheet HTML 1Page - NXP Semiconductors 74F139 Datasheet HTML 2Page - NXP Semiconductors 74F139 Datasheet HTML 3Page - NXP Semiconductors 74F139 Datasheet HTML 4Page - NXP Semiconductors 74F139 Datasheet HTML 5Page - NXP Semiconductors 74F139 Datasheet HTML 6Page - NXP Semiconductors 74F139 Datasheet HTML 7Page - NXP Semiconductors 74F139 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F139
1-of-4 decoder/demultiplexer
2
February 23, 1990
853–0344 98903
FEATURES
• Demultiplexing capability
• Two independent 1-of-4 decoders
• Multifunction capability
DESCRIPTION
The 74F139 is a high speed, dual 1-of-4 decoder/demultiplexer. This
device has two independent decoders, each accepting two binary
weighted inputs (A0n, A1n) and providing four mutually exclusive
active-Low outputs (Q0n–Q3n). Each decoder has an active-Low
Enable (E). When E is High, every output is forced High. The Enable
can be used as the Data input for a 1-of-4 demultiplexer application.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F139
5.3ns
13mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q3a
VCC
Q0b
Q1b
Q2b
A1b
Eb
A0b
Ea
A0a
Q2a
A1a
Q0a
Q1a
9
8
GND
Q3b
SF00129
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F139N
SOT38-4
16-pin plastic SO
N74F139D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Ana, Anb
Address inputs
1.0/1.0
20
µA/0.6mA
Ea, Eb
Enable inputs (active Low)
1.0/1.0
20
µA/0.6mA
Q0n–Q3n
Data outputs (active Low)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
A0a
A1a
Ea
12
3
VCC = Pin 16
GND = Pin 8
SF00130
Q0a
Q1a Q2a
45
6
Q3a
7
A0b
A1b
Eb
15
14
13
Q0b
Q1b Q2b
12
11
10
Q3b
9
DECODER a
DECODER b
IEC/IEEE SYMBOL
SF00131
DEMUX
2
3
1
14
13
15
4
5
6
7
12
11
10
9
0
1
0
1
2
G
0
3
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com