Electronic Components Datasheet Search
  English  ▼

X  

AP2810 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2810
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2810 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2810 Datasheet HTML 4Page - Diodes Incorporated AP2810 Datasheet HTML 5Page - Diodes Incorporated AP2810 Datasheet HTML 6Page - Diodes Incorporated AP2810 Datasheet HTML 7Page - Diodes Incorporated AP2810 Datasheet HTML 8Page - Diodes Incorporated AP2810 Datasheet HTML 9Page - Diodes Incorporated AP2810 Datasheet HTML 10Page - Diodes Incorporated AP2810 Datasheet HTML 11Page - Diodes Incorporated AP2810 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
Figure 8. Output Short Current
vs.
Figure 9. Output Short Current
vs.
Input Voltage
Ambient Temperature
Figure 10. Shutdown Current vs. Ambient Temperature
Figure 11. Reverse Current vs. Ambient Temperature
3.0
3.5
4.0
4.5
5.0
5.5
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
Input Voltage (V)
T
A=25
oC
Enable Active
-40
-20
0
20
406080
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Ambient Temperature (
oC)
V
IN=5V
Enable Active
-40
-20
0
20
406080
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Ambient Temperature (
oC)
V
IN=5V
Disable Active
-40
-20
0
20
406080
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
V
IN=3.5V
V
OUT=4.5V
Disable Active
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com