Electronic Components Datasheet Search
  English  ▼

X  

I74F138D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # I74F138D
Description  1-of-8 decoder/demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

I74F138D Datasheet(HTML) 2 Page - NXP Semiconductors

  I74F138D Datasheet HTML 1Page - NXP Semiconductors I74F138D Datasheet HTML 2Page - NXP Semiconductors I74F138D Datasheet HTML 3Page - NXP Semiconductors I74F138D Datasheet HTML 4Page - NXP Semiconductors I74F138D Datasheet HTML 5Page - NXP Semiconductors I74F138D Datasheet HTML 6Page - NXP Semiconductors I74F138D Datasheet HTML 7Page - NXP Semiconductors I74F138D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F138
1-of-8 decoder/demultiplexer
2
February 14, 1991
853–0343 01719
FEATURE
• Demultiplexing capability
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F138 decoder accepts three binary weighted inputs (A0, A1,
A2) and when enabled, provides eight mutually exclusive, active low
outputs (Q0 – Q7). The device features three enable inputs; two
active low (E0, E1) and one active high (E2). Every output will be
high unless E0 and E1 are low and E2 is high. This multiple enable
function allows easy parallel expansion of the device to 1-of-32
(5 lines to 32 lines) decoder with just four 74F138s and one inverter
(see Figure 1). The device can be used as an eight output
demultiplexer by using one of the active low enable inputs as the
data input and the remaining enable inputs as strobes. Enable
inputs not used must be permanently tied to their appropriate active
high or active low state.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q7
VCC
Q3
Q4
Q5
Q2
Q0
Q1
A0
A1
E2
A2
E0
E1
9
8
GND
Q6
SF00174
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F138
5.8ns
13mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG DWG #
16-pin plastic DIP
N74F138N
I74F138N
SOT38-4
16-pin plastic SO
N74F138D
I74F138D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
A0 – A2
Address inputs
1.0/1.0
20
µA/0.6mA
E0, E1
Enable inputs (active Low)
1.0/1.0
20
µA/0.6mA
E2
Enable input (active High)
1.0/1.0
20
µA/0.6mA
Q0 – Q7
Data outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
A1 A2
A0
Q2 Q3 Q4 Q5
13 12 11 10
12
3
VCC = Pin 16
GND = Pin 8
SF00175
Q1
14
Q0
15
Q6
9
Q7
7
4
5
6
E0
E1
E2
IEC/IEEE SYMBOL
SF00176
DMUX
1
2
4
5
6
15
14
13
12
11
10
9
7
0
0
1
2
G
0
3
3
4
5
6
7
3
2
&



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com