Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8576DU/2DA
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DU/2DA Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8576DU/2DA Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 27Page - NXP Semiconductors PCF8576DU/2DA Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
2004 Dec 22
24
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
Table 5
Mode set option 1
Table 6
Mode set option 2
Table 7
Mode set option 3
Table 8
Load data pointer option 1
Table 9
Device select option 1
Table 10 Bank select option 1 (input)
Table 11 Bank select option 2 (output)
Table 12 Blink option 1
Table 13 Blink option 2
Note
1. Normal blinking is assumed when LCD multiplex drive
modes 1 : 3 or 1 : 4 are selected.
7.9
Display controller
The display controller executes the commands identified
by the command decoder. It contains the device’s status
registers and co-ordinates their effects. The display
controller is also responsible for loading display data into
the display RAM in the correct filling order.
7.10
Cascaded operation
In large display configurations, up to 16 PCF8576Ds can
be differentiated on the same I2C-bus by using the 3-bit
hardware subaddresses (A0, A1 and A2) and the
programmable I2C-bus slave address (SA0). PCF8576Ds
connected in cascade are synchronized to allow the
backplane signals from only one device in the cascade to
be shared. This arrangement is cost-effective in large LCD
applications since the backplane outputs of only one
device need to be through-plated to the backplane
electrodes of the display. The other cascaded PCF8576Ds
contribute additional segment outputs but their backplane
outputs are left open-circuit (see Fig.19).
LCD DRIVE MODE
BITS
DRIVE
MODE
BACKPLANE
M1
M0
Static
BP0
0
1
1 : 2
BP0, BP1
1
0
1 : 3
BP0, BP1, BP2
1
1
1 : 4
BP0, BP1, BP2, BP3
0
0
LCD BIAS
BIT B
1
⁄3 bias
0
1
⁄2 bias
1
DISPLAY STATUS
BIT E
Disabled (blank)
0
Enabled
1
DESCRIPTION
BITS
6 bit binary value of 0 to 39 P5 P4 P3 P2 P1 P0
DESCRIPTION
BITS
3 bit binary value of 0 to 7
A2
A1
A0
MODE
BIT I
STATIC
1 : 2
RAM bit 0
RAM bits 0 and 1 0
RAM bit 2
RAM bits 2 and 3 1
MODE
BIT O
STATIC
1 : 2
RAM bit 0
RAM bits 0 and 1 0
RAM bit 2
RAM bits 2 and 3 1
BLINK FREQUENCY
BITS
BF1
BF0
Off
0
0
2Hz
0
1
1Hz
1
0
0.5 Hz
1
1
BLINK MODE
BIT A
Normal blinking
0
Alternate RAM bank blinking
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com