Electronic Components Datasheet Search
  English  ▼

X  

CPU2916 Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CPU2916
Description  High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CPU2916 Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CPU2916 Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CPU2916 Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CPU2916 Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CPU2916 Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 / 4
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CPU2916 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ High inductance, high current, low magnetic loss,
low ESR, small parasitic capacitance
▪ Through-hole vertical mounting allows for a small Footprint.
▪ Flat wire windings for extremely low DC and AC resistance.
▪ Develop for high current power supply application
with high saturation current requirements
.
Features:
▪ Core material:Ferrite
▪ Core and winding loss:
See
https://www.codaca.com/DesignTool_Power-Inductor-Loss-Comparison.html
▪ Environmental:RoHS compliant, halogen free
▪ Weight:41.26g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃
Application:
▪ Ideal for use in Class-D applications
▪ high current power supplies, Battery power devices
▪ DC/DC converters in distributed power systems
1 Product Dimensions (mm)
2 Electrical Characteristics
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
±20%
Typical
Max.
Typical
Typical
CPU2916-3R3MC
3.30
2.30
2.60
104
26.0
CPU2916-4R7MC
4.70
2.30
2.60
69.0
26.0
CPU2916-6R8MC
6.80
2.30
2.60
53.0
26.0
CPU2916-100MC
10.0
2.30
2.60
34.0
26.0
CPU2916-150MC
15.0
2.30
2.60
23.0
26.0
CPU2916-220MC
22.0
2.30
2.60
14.7
26.0
CPU2916-330MC
33.0
2.30
2.60
9.20
26.0
26.9±0.5
16.9 Max
24.0 Max
3.3±0.5
5.2±0.3
16.0±0.3
Φ1.0±0.1
15.8±0.3
3.8±0.3
0.8±0.15
11.4±0.3
15.8
1.4
11.4
16.9
27.4
5.2
16.0
Φ1.3
5.0
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the
Inductance decrease 30% of its initial Value
3.Irms:The actual value of DC current when the
Temperature rise is
ΔT40℃(Ta=25℃)
3 How to Order:
CPU2916-3R3M
Model
Dimensions
Value Code
Typical Land Pattern
N/C
N/C
N/C
N/C
Schematic
※ Date code will be changed by manufacture date


Similar Part No. - CPU2916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-111-10 ETC2-CPU-111-10 Datasheet
375Kb / 3P
OpenVPX Compatible Quad Core Intel Xeon Integrated 12-port 10Gb Ethernet Switch
logo
Infineon Technologies A...
CPU-13A-V1 INFINEON-CPU-13A-V1 Datasheet
1Mb / 18P
XMC1300 (ARM® CortexTM -M0 based) Microcontroller, TSSOP38
Revision 2.0, 2013-12-18
logo
List of Unclassifed Man...
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
Vortex86DX processor at 600MHz x86 compatibility
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
More results

Similar Description - CPU2916

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com