Electronic Components Datasheet Search
  English  ▼

X  

ASX2001H Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ASX2001H
Description  HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ASX2001H Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ASX2001H Datasheet HTML 1Page - Nais(Matsushita Electric Works) ASX2001H Datasheet HTML 2Page - Nais(Matsushita Electric Works) ASX2001H Datasheet HTML 3Page - Nais(Matsushita Electric Works) ASX2001H Datasheet HTML 4Page - Nais(Matsushita Electric Works) ASX2001H Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SX
120
SX-RELAYS
HIGH SENSITIVITY RELAY
WITH GUARANTEED LOW
LEVEL SWITCHING
CAPACITY
7.4
.291
15.0
.591
8.2
.323
mm inch
7.4
.291
15.0
.591
Max. 10.0
.394
FEATURES
1. High contact reliability over a long
life has been made possible for low
level loads.
Using a low level load (1 mV 10
µA to 10 V
10 mA) 107 operations were achieved with
a static contact resistance of Max. 100
m
Ω (voltage drop of 20 mV, 1 mA, 1 kHz)
and a dynamic contact resistance of Max.
1
Ω (Measurement delay 10 ms, voltage
drop of 20 mV, 1 mA, 1 kHz).
2. High sensitibity of 50 mW
By using the highly efficient polar magnet-
ic circuit "seesaw balance armature
mechanism", a rated power consumption
of 50 mW (for single side stable type) has
been achieved.
3. Low thermal electromotive force
Reducing the heat from the coil enables a
thermal electromotive force of 3
µV or
less.
SPECIFICATIONS
Contact
Notes:
**1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the ac-
tual load.
**2 For single side stable only.
Characteristics
Remarks:
* Specifications will vary with foreign standards certification ratings.
*1 By nominal switching capacity: No. of operations: 107
*2 Measurement at same location as "Initial breakdown voltage" section.
*3 Detection current: 10mA.
*4 Nominal voltage applied to the coil, excluding contact bounce time.
*5 By resistive method, nominal voltage applied to the coil; contact carrying current:
10mA.
*6 Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.
*7 Half-wave pulse of sine wave: 6 ms.
*8 Detection time: 10
µs.
*9 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Arrangement
2 Form C
Static contact resistance (During initial and
electric life tests)*1
(By voltage drop of 20 mV 1 mA [1kHz])
Max. 100 m
Ω
Dynamic contact resistance (During initial and
electric life tests)*1
(By voltage drop of 20 mV 1 mA[1 kHz], Mea-
surement delay 10 ms after applying nominal
coil voltage)
Max. 1
Ω
Contact material
Gold-clad silver alloy
Rating
Nominal switching capacity
(resistive load)
10 mA 10 VDC
Max. switching power
0.1 W
Max. switching voltage
10 VDC
Max. switching current
10 mA DC
Min. switching capacity**1
10
µA 1 mVDC
Nominal
operating
power
Single side stable
50mW (1.5 to 12 V DC)
70mW (24 V DC)
1 coil latching
35mW (1.5 to 12 V DC)
50mW (24 V DC)
2 coil latching
70mW (1.5 to 12 V DC)
150mW (24 V DC)
Thermal electromotive force, max.
(at nominal voltage applied to the coil**2)
3
µV
Expected
life (min.
operations)
Mechanical (at 750 cpm)
5
× 107
Electrical (at 750 cpm)
(10 mA 10 V DC resistive load)
107
Initial insulation resistance*2
Min. 10,000M
Ω
(at 500V DC)
Initial
breakdown
voltage*3
Between open contacts
750 Vrms for 1min.
Between contact sets
1,000 Vrms for 1min.
Between contact and coil
1,800 Vrms for 1min.
Operate time [Set time]*4 (at 20
°C)
Max. 5 ms (Approx. 3 ms)
[Max. 5 ms (Approx. 3 ms)]
Release time (without diode)
[Reset time]*4 (at 20
°C)
Max. 5 ms (Approx. 1.5 ms)
[Max. 5 ms (Approx. 3 ms)]
Temperature rise*5 (at 20
°C)
Max. 50
°C
Shock resistance
Functional*6
Min. 750 m/s2{75G]
Destructive*7
Min. 1,000 m/s2{100G]
Vibration resistance
Functional*8
10 to 55 Hz at double
amplitude of 3.3 mm
Destructive
10 to 55 Hz at double
amplitude of 5 mm
Conditions for operation,
transport and storage*9
(Not freezing and con-
densing at low tempera-
ture)
Ambient
temperature
–40
°C to 70°C
–40
°F to 158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 2 g .071 oz
TYPICAL APPLICATIONS
This relay will be used for the small load
for measuring instruments or others
where a stable contact resistance is
required.
TESTING


Similar Part No. - ASX2001H

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX2001H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Omron Electronics LLC
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
2 AMP, HIGH CAPACITY RELAY
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
High Capacity, Low Profile Relay
logo
List of Unclassifed Man...
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
High Capacity Relay HY
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
High Capacity Relay HY
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
A slim compact Relay with 7 A switching capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
High switching capacity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com