Electronic Components Datasheet Search
  English  ▼

X  

N74F166D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F166D
Description  8-bit bidirectional universal shift register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F166D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74F166D Datasheet HTML 3Page - NXP Semiconductors N74F166D Datasheet HTML 4Page - NXP Semiconductors N74F166D Datasheet HTML 5Page - NXP Semiconductors N74F166D Datasheet HTML 6Page - NXP Semiconductors N74F166D Datasheet HTML 7Page - NXP Semiconductors N74F166D Datasheet HTML 8Page - NXP Semiconductors N74F166D Datasheet HTML 9Page - NXP Semiconductors N74F166D Datasheet HTML 10Page - NXP Semiconductors N74F166D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F166
8-bit bidirectional universal shift register
Feb. 14, 1991
7
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = –40°C to +85°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu (H)
tsu(L)
Setup time, high or low
Dn, Ds to CP, CE
Waveform 3
3.0
2.5
4.0
3.0
4.0
3.0
ns
th (H)
th (L)
Hold time, high or low
Dn, Ds to CP
Waveform 3
0.0
0.0
1.0
0.0
1.0
0.0
ns
th (H)
th (L)
Hold time, high or low
Dn, Ds to CE
Waveform 3
1.5
0.0
2.0
0.0
2.0
0.0
ns
tsu(L)
Setup time, low
CE to CP
Waveform 3
5.0
6.0
6.0
ns
th (H)
Hold time, high
CE to CP
Waveform 3
0.0
0.0
0.0
ns
tsu (H)
tsu(L)
Setup time, high or low
PE to CP, CE
Waveform 3
3.0
3.0
4.0
4.0
4.0
6.0
ns
th (H)
th (L)
Hold time, high or low
PE to CP
Waveform 3
0.0
0.0
0.0
0.0
0.0
0.0
ns
tw (H)
tw (L)
CP pulse width,
high or low
Waveform 1
3.0
4.5
3.5
5.0
3.5
6.0
ns
tw (L)
MR pulse width, low
Waveform 2
4.0
4.0
4.0
ns
trec
Recovery time, MR to CP
Waveform 2
4.0
4.5
4.5
ns
AC WAVEFORMS
tW(H)
CP
Q7
VM
VM
VM
VM
VM
1/fMAX
tW(L)
tPHL
tPLH
SF00287
Waveform 1. Propagation delay for clock input to output,
clock pulse width, and maximum clock frequency
CP
VM
VM
VM
VM
tPHL
trec
MR
Q7
tw(L)
SF00288
SF00288
Waveform 2. Master reset pulse width, master reset to output
delay and master reset to clock recovery time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com